Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5102 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5102
Description  High Voltage Half-Bridge Gate Driver with Programmable Delay
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5102 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5102 Datasheet HTML 1Page - National Semiconductor (TI) LM5102 Datasheet HTML 2Page - National Semiconductor (TI) LM5102 Datasheet HTML 3Page - National Semiconductor (TI) LM5102 Datasheet HTML 4Page - National Semiconductor (TI) LM5102 Datasheet HTML 5Page - National Semiconductor (TI) LM5102 Datasheet HTML 6Page - National Semiconductor (TI) LM5102 Datasheet HTML 7Page - National Semiconductor (TI) LM5102 Datasheet HTML 8Page - National Semiconductor (TI) LM5102 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram
Ordering Information
Ordering Number
Package Type
NSC Package Drawing
Supplied As
LM5102MM
MSOP-10
MUB10A
1000 shipped as Tape & Reel
LM5102MMX
MSOP-10
MUB10A
3500 shipped as Tape & Reel
LM5102SD
LLP-10
SDC10A
1000 shipped as Tape & Reel
LM5102SDX
LLP-10
SDC10A
4500 shipped as Tape & Reel
Pin Descriptions
Pin
Name
Description
Application Information
MSOP-10
LLP-10
11
V
DD
Positive gate drive supply
Locally decouple to V
SS using low ESR/ESL capacitor, located as
close to IC as possible.
2
2
HB
High side gate driver
bootstrap rail
Connect the positive terminal of bootstrap capacitor to the HB pin
and connect negative terminal of bootstrap capacitor to HS. The
Bootstrap capacitor should be placed as close to IC as possible.
3
3
HO
High side gate driver
output
Connect to gate of high side MOSFET with short low inductance
path.
4
4
HS
High side MOSFET source
connection
Connect bootstrap capacitor negative terminal and source of high
side MOSFET.
5
5
RT1
High side output edge
delay programming
Resistor from RT1 to ground programs the leading edge delay of
the high side gate driver. The resistor should be placed close to the
IC to minimize noise coupling from adjacent traces.
6
6
RT2
Low side output edge
delay programming
Resistor from RT2 to ground programs the leading edge delay of
the low side gate driver. The resistor should be placed close to the
IC to minimize noise coupling from adjacent traces.
7
7
HI
High side driver control
input
TTL compatible thresholds. Unused inputs should be tied to ground
and not left open.
8
8
LI
Low side driver control
input
TTL compatible thresholds. Unused inputs should be tied to ground
and not left open.
99
V
SS
Ground return
All signals are referenced to this ground.
10
10
LO
Low side gate driver output Connect to the gate of the low side MOSFET with a short low
inductance path.
Note: For LLP-10 package, it is recommended that the exposed pad on the bottom of the LM5100 / LM5101 be soldered to ground plane on the PC board,
and the ground plane should extend out from beneath the IC to help dissipate the heat..
20088901
10-Lead MSOP, LLP
See NS Numbers MUB10A and SDC10A
FIGURE 2.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com