Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF583 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CF583
Description  LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CF583 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90CF583 Datasheet HTML 1Page - National Semiconductor (TI) DS90CF583 Datasheet HTML 2Page - National Semiconductor (TI) DS90CF583 Datasheet HTML 3Page - National Semiconductor (TI) DS90CF583 Datasheet HTML 4Page - National Semiconductor (TI) DS90CF583 Datasheet HTML 5Page - National Semiconductor (TI) DS90CF583 Datasheet HTML 6Page - National Semiconductor (TI) DS90CF583 Datasheet HTML 7Page - National Semiconductor (TI) DS90CF583 Datasheet HTML 8Page - National Semiconductor (TI) DS90CF583 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITTER SUPPLY CURRENT
I
CCTZ
Transmitter Supply Current,
Power Down = Low
125
µA
Power Down
RECEIVER SUPPLY CURRENT
I
CCRW
Receiver Supply Current,
C
L = 8 pF,
f = 32.5 MHz
64
77
mA
Worst Case
Worst Case Pattern
f = 37.5 MHz
70
85
mA
(
Figure 1, Figure 4)f = 65 MHz
110
140
mA
I
CCRG
Receiver Supply Current,
C
L = 8 pF,
f = 32.5 MHz
35
55
mA
16 Grayscale
16 Grayscale Pattern
f = 37.5 MHz
37
55
mA
(
Figure 2, Figure 4)f = 65 MHz
55
67
mA
I
CCRZ
Receiver Supply Current,
Power Down = Low
110
µA
Power Down
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 5.0V and TA = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise speci-
fied (except VOD and ∆VOD).
Note 4: ESD Rating: HBM (1.5 k
Ω, 100 pF)
PLL VCC ≥ 1000V
All other pins
≥ 2000V
EIAJ (0
Ω, 200 pF) ≥ 150V
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (
Figure 3)
0.75
1.5
ns
LHLT
LVDS High-to-Low Transition Time (
Figure 3)
0.75
1.5
ns
TCIT
TxCLK IN Transition Time (
Figure 5)8
ns
TCCS
TxOUT Channel-to-Channel Skew (Note 5) (
Figure 6)
350
ps
TCCD
TxCLK IN to TxCLK OUT Delay @ 25˚C, V
CC = 5.0V
3.5
8.5
ns
(
Figure 9)
TCIP
TxCLK IN Period (
Figure 7)
15
T
50
ns
TCIH
TxCLK IN High Time (
Figure 7)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time (
Figure 7)
0.35T
0.5T
0.65T
ns
TSTC
TxIN Setup to TxCLK IN (
Figure 7 )f = 65 MHz
5
3.5
ns
THTC
TxIN Hold to TxCLK IN (
Figure 7)
2.5
1.5
ns
TPDD
Transmitter Powerdown Delay (
Figure 18)
100
ns
TPLLS
Transmitter Phase Lock Loop Set (
Figure 11)10
ms
TPPos0
Transmitter Output Pulse Position 0 (
Figure 13)
−0.30
0
0.30
ns
TPPos1
Transmitter Output Pulse Position 1
1.70
1/7 T
clk
2.50
ns
TPPos2
Transmitter Output Pulse Position 2
3.60
2/7 T
clk
4.50
ns
TPPos3
Transmitter Output Pulse Position 3
5.90
3/7 T
clk
6.75
ns
TPPos4
Transmitter Output Pulse Position 4
8.30
4/7 T
clk
9.00
ns
TPPos5
Transmitter Output Pulse Position 5
10.40
5/7 T
clk
11.10
ns
TPPos6
Transmitter Output Pulse Position 6
12.70
6/7 T
clk
13.40
ns
Note 5: This limit based on bench characterization.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com