Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8358 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8358
Description  150mA, UCap, Low Dropout Voltage Regulator with Power Good
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8358 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP8358 Datasheet HTML 2Page - National Semiconductor (TI) LP8358 Datasheet HTML 3Page - National Semiconductor (TI) LP8358 Datasheet HTML 4Page - National Semiconductor (TI) LP8358 Datasheet HTML 5Page - National Semiconductor (TI) LP8358 Datasheet HTML 6Page - National Semiconductor (TI) LP8358 Datasheet HTML 7Page - National Semiconductor (TI) LP8358 Datasheet HTML 8Page - National Semiconductor (TI) LP8358 Datasheet HTML 9Page - National Semiconductor (TI) LP8358 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Application Notes
The LP8358 is a linear regulator with power good output
designed to be used with a low ESR, low cost ceramic
capacitors.
EXTERNAL CAPACITORS
The LP8358 regulator requires an output capacitor to main-
tain stability. The capacitor must be at least 1µF or greater.
The capacitor can be low-ESR ceramic chip capacitor, how-
ever for improved capacitance over temperature, tantalum
capacitors can be used.
A 1µF input capacitor is recommend when the supply capaci-
tance is more than 10 inches away from the device, or when
the supply is a battery.
X7R dielectric ceramic capacitors are recommended be-
cause of their temperature performance. X7R-type capacitor
change capacitance by 15% over their operating tempera-
ture range and are the most stable type of ceramic capaci-
tors. Z5U and Y5V dielectric capacitors change value by as
much 50% and 60% respectively over their operating tem-
perature range. To use a ceramic chip capacitor with Y5V
dielectric, the value must be much higher than a X7/R ce-
ramic or a tantalum capacitor to ensure the same minimum
capacitance value over the operating temperature range.
Tantalum capacitors have a very stable dielectric (10% over
their operating temperature range) and can also be used
with this device.
ENABLE/SHUTDOWN
The LP8358 has an active high enable pin that allows the
regulator to be disabled. Applying a Logic Level low (<0.4 V)
to the Shutdown pin will cause the output to turn off, in this
state current consumed by the regulator goes nearly to zero.
Applying a Logic Level high (>2.0V) enables the output
voltage. The enable/shutdown pin must not be left floating; a
floating enable pin may cause an indeterminate state on the
output.
ACTIVE SHUTDOWN
The LP8358 is designed with a N-channel MOSFET that
acts as a shutdown clamp. The N-channel turns on when the
device is disabled to allow the output capacitor and load to
discharge
POWER GOOD
The power good output is an open-drain output with extreme
low R
DSON. It is designed essentially to work as a power-on
reset generator once the regulated voltage is up and/ or a
fault condition. When a fault condition occurs, the output of
the power good pin goes low. The power good output comes
back up once the output has reached 97% of its nominal
value and 1ms to 5ms delay has passed , see timing dia-
gram.
The LP8358 internal circuit monitors overcurrent, tempera-
ture and falling output voltage. If one of these conditions is
flagged this indicates a fault condition.
The flagged condition output is fed into an onchip delay
circuit that drives the open drain output transistor.
TRANSIENT RESPONSE
The LP8358 implements a unique output stage to dramati-
cally improve transient response recovery time. The output is
a totem-pole configuration with a P-channel MOSFET pass
device and a N-channel MOSFET clamp. The N-channel
clamp is a significantly smaller device that prevents the
output voltage from overshooting when a heavy load is
removed. This feature helps to speed up the transient re-
sponse by significantly decreasing transient response recov-
ery time during the transition from heavy load to light load.
THERMAL BEHAVIOR
The LP8358 regulator has internal thermal shutdown to pro-
tect the device from over heating. Under all operating con-
ditions, the maximum junction temperature of the LP8358
must be below 125˚C. Maximum power dissipation can be
calculated based on the output current and the voltage drop
across the part. The maximum power dissipation is
P
D(MAX) =(TJ(MAX) –TA )/
θ
JA
θ
JA is the junction-to-ambient thermal resistance, 235˚C/W
for the LP8358 in the SOT23-5 package. T
A is the maximum
ambient temperature T
J(MAX) is the maximum junction tem-
perature of the die, 125˚C.
When operating the LP8358 at room temperature, the maxi-
mum power dissipation is 425mW.
The actual power dissipated by the regulator is
P
D =(VIN –VOUT)IL +VIN IGND
Substituting P
D(MAX), determined above, for PD and solving
for the operating condition that is critical to the application
will give the maximum operating condition for the regulator
circuit. To prevent the device from entering thermal shut-
down, maximum power dissipation cannot be exceeded.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com