Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8358MF-1.2 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8358MF-1.2
Description  150mA, UCap, Low Dropout Voltage Regulator with Power Good
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8358MF-1.2 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP8358MF-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Performance Characteristics Unless otherwise specified, V
IN = 3.3V, COUT = 1µF, TA =
25˚C and powergood pull up resistor = 47k
Ω.
Ground Current vs. Output Current
Ground Current vs. Input Voltage
20057901
20057902
Ground Current vs. Temperature
Short Circuit Current vs. Temperature
20057903
20057904
Short Circuit Current vs. Input Voltage
Power Good Delay vs. Input Voltge
20057905
20057906
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com