Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT3103C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT3103C
Description  No External Components Required
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT3103C Datasheet(HTML) 1 Page - Texas Instruments

  PT3103C Datasheet HTML 1Page - Texas Instruments PT3103C Datasheet HTML 2Page - Texas Instruments PT3103C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard Application
Ordering Information
Through-Hole
PT3101A = 5 Volts
PT3102A = 12 Volts
PT3103A = 15 Volts
Surface Mount
PT3101C = 5 Volts
PT3102C = 12 Volts
PT3103C = 15 Volts
(For dimensions and PC
board layout, see Package
Style 700.)
Pin-Out Information
Pin
Function
1
Remote
ON/OFF
2-Vin
3+Vin
4-Vout
5+Vout
6
Do not connect
• Power Density 15 Watts/in3
• Wide Input Voltage Range
36V to 75V
• 80% Efficiency
• 500 VDC Isolation
• Industry’s Smallest Footprint
• Fast Transient Response
• No External Components Required
Power Trends’ PT3101A (5V),
PT3102A (12V) and PT3103A (15V)
Isolated DC-DC Converters advance the
state-of-the-art for board-mounted con-
verters by employing high switching
frequencies greater than 650 KHz and
planar magnetics and surface-mount
construction. They feature the industry’s
smallest footprint, a power density of
15 Watts/in3, and operate at 80% effi-
ciency. They are designed for Telecom,
Industrial, Computer, Medical, and other
distributed power applications requiring
input-to-output isolation.
PT3100 Series
For assistance or to order, call (800) 531-5782
48V
15 WATT 48V TO 5V/12V/15V
ISOLATED DC-DC CONVERTER
68
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
*
See Thermal Derating Curves
Specifications
Characteristics
PT3100 SERIES
(T
a=25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = 5V
0
—
3.0
A
Vo = 12V
0
—
1.25
A
Vo = 15V
0
—
1.0
A
Current Limit
Icl
Vin = 36V
Vo = 5V
—
4.00
—
A
Vo = 12V
—
1.75
—
A
Vo = 15V
—
1.4
—
A
On/Off Standby Current
Iin standby
Vin = 48V, Pin 1 = -Vin
—7
10
mA
Short Circuit Current
Isc
Vin = 48V
Vo = 5V
—
5.5
—
A
Vo = 12V
—
3.5
—
A
Vo = 15V
—
2.0
—
A
Inrush Current
Iir
Vin = 48V @ max Io
—
0.6
1.0
A
tir
On start-up
—
1.0
5.0
mSec
Input Voltage Range
Vin
Io = 0.1 to max Io
36.0
48.0
75.0
V
Output Voltage Tolerance
∆Vo
Over Vin Range
TA= -20°C to 70°C
—
±1.0
±2.0
%Vo
Ripple Rejection
RR
Over Vin range @ 120 Hz
—
60
—
dB
Line Regulation
Regline
Over Vin range @ max Io
—
±0.2
±1.0
%Vo
Load Regulation
Regload
10% to 100% of Io max
—
±0.4
±1.0
%Vo
Vo Ripple/Noise
Vn
Vin=48V, Io=3.0A, Vo=5V
—
75
100
mVpp
Vin=48V, Io=1.25A, Vo=12V
—
120
150
mVpp
Vin=48V, Io=1.0A, Vo=15V
—
100
200
mVpp
Transient Response
ttr
50% load change
—
100
200
µSec
Vo over/undershoot
—
3.0
5.0
%Vo
Efficiency
η
Vin=48V, Io=3.0A, Vo=5V
—
79
—
%
Vin=48V, Io=1.25A, Vo=12V
—
80
—
%
Vin=48V, Io=1A, Vo=15V
—
80
—
%
Switching Frequency
ƒo
Over Vin and Io,
Vo=5V
800
850
900
kHz
Vo=12V/15V
600
650
700
kHz
Recommended Operating
Ta
Vin = 48V @ max Io
-20
—
+70*
°C
Temperature Range
Free air convection, (40-60LFM)
Thermal Resistance
θ
ja
Free Air Convection, (40-60LFM)
—
16
—
°C/W
Case Temperature
Tc
@ Thermal shutdown
—
—
100
°C
Storage Temperature
Ts
—
-40
—
110
°C
Mechanical Shock
—
Per Mil-STD-202F, Method 213B,
—50
—
G’s
6mS, Half-sine, mounted to a PCB
Mechanical Vibration
—
Per Mil-STD-202F, Method 204D,
—10
—
G’s
10-500Hz, Soldered in a PCB
Weight
—
—
—
28
—
grams
Isolation
—
—
500
—
—
V
Capacitance
—
—
—
1100
—
pF
Resistance
—
—
10
—
—
M
Ω
Flammability
—
Materials meet UL 94V-0
Remote On/Off
On
Open or 2.5 to 7.0 VDC above -Vin
Off
Short or 0 to 0.8 VDC above -Vin
+Vout
-Vout
-Vin
+Vin
3
24
5
On/Off
1
PT3100
Application Notes
Mechanical Outline
Product Selector Guide
Revised 8/13/98


Similar Part No. - PT3103C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3103C TI-PT3103C Datasheet
197Kb / 3P
15 WATT 48V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
More results

Similar Description - PT3103C

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MFP0507S INTERPOINT-MFP0507S Datasheet
984Kb / 19P
No external components required Operating temperature -70째 to 150째C
logo
Maxim Integrated Produc...
MAX6505 MAXIM-MAX6505_11 Datasheet
256Kb / 10P
Dual Trip SOT Temperature Switches No External Components Required
Rev 1; 2/11
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Gamma Microelectronics ...
GM9135 GAMMA-GM9135 Datasheet
280Kb / 5P
Only 5 external components required
logo
List of Unclassifed Man...
HP04S ETC2-HP04S Datasheet
129Kb / 4P
Low cost and no external components required.
logo
XP Power Limited
ASB110 XPPOWER-ASB110 Datasheet
607Kb / 4P
No Extra Components Required
logo
Analog Devices
HMC1132 AD-HMC1132 Datasheet
694Kb / 15P
No external matching required
Rev. 0
logo
Texas Instruments
UA7900 TI1-UA7900 Datasheet
147Kb / 10P
No External Components
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com