Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS022B Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS022B
Description  1,500 VDC Isolation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS022B Datasheet(HTML) 2 Page - Texas Instruments

  SLTS022B Datasheet HTML 1Page - Texas Instruments SLTS022B Datasheet HTML 2Page - Texas Instruments SLTS022B Datasheet HTML 3Page - Texas Instruments SLTS022B Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Typical Characteristics
PT4205, 3.3 VDC
(See Note A)
PT4206 5.0 VDC
(See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Output Current (Amps)
Output Current (Amps)
Output Current (Amps)
Output Current (Amps)
Output Current (Amps)
Output Current (Amps)
Note A:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the isolated DC-DC converter.
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
18.0V
24.0V
30.0V
36.0V
Vin
0
5
10
15
20
25
30
35
0
0.3
0.6
0.9
1.2
1.5
1.8
36.0V
30.0V
24.0V
18.0V
Vin
0
0.5
1
1.5
2
2.5
0
0.3
0.6
0.9
1.2
1.5
36.0V
30.0V
24.0V
18.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1
1.2
36.0V
30.0V
24.0V
18.0V
Vin
0
2
4
6
8
10
12
14
16
18
0
0.2
0.4
0.6
0.8
1
1.2
36.0V
30.0V
24.0V
18.0V
Vin
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
18.0V
24.0V
30.0V
36.0V
Vin
PT4205 Series
3-7 Watt 24V-Input
Isolated DC/DC Converter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com