Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT79SR152S Datasheet(PDF) 6 Page - Texas Instruments

Part # PT79SR152S
Description  Self-Contained Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT79SR152S Datasheet(HTML) 6 Page - Texas Instruments

  PT79SR152S Datasheet HTML 1Page - Texas Instruments PT79SR152S Datasheet HTML 2Page - Texas Instruments PT79SR152S Datasheet HTML 3Page - Texas Instruments PT79SR152S Datasheet HTML 4Page - Texas Instruments PT79SR152S Datasheet HTML 5Page - Texas Instruments PT79SR152S Datasheet HTML 6Page - Texas Instruments PT79SR152S Datasheet HTML 7Page - Texas Instruments PT79SR152S Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MECHANICAL DATA
MPSI048 – SEPTEMBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EFD (R–PSIP–T3)
PLASTIC SINGLE-IN-LINE MODULE
4203860/A 09/01
PC LAYOUT
Note E
Plated through
ø0.035 (0,88) MIN. 3 Places
0.33 (8,38)
0.017 (0,43) TYP.
0.90 (22,86) MAX.
0.31
(7,87)
1
MAX.
0.94 (23,87)
Pin 1
Designation
0.100 (2,54) TYP.
MAX.
0.017 (0,43) TYP.
MIN.
0.230 (5,84)
1
0.100 (2,54) TYP.
0.105 (2,66)
0.94 (23,87)
0.37 (9,39)
Suffix V
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C. 2 place decimals are
0.030 (0,76mm).
D. 3 place decimals are
0.010 (0,25mm).
E. Recommended mechanical keep out area.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com