Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS170C Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS170C
Description  Programmable Output Voltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS170C Datasheet(HTML) 2 Page - Texas Instruments

  SLTS170C Datasheet HTML 1Page - Texas Instruments SLTS170C Datasheet HTML 2Page - Texas Instruments SLTS170C Datasheet HTML 3Page - Texas Instruments SLTS170C Datasheet HTML 4Page - Texas Instruments SLTS170C Datasheet HTML 5Page - Texas Instruments SLTS170C Datasheet HTML 6Page - Texas Instruments SLTS170C Datasheet HTML 7Page - Texas Instruments SLTS170C Datasheet HTML 8Page - Texas Instruments SLTS170C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4410 Series
100-Watt 48-V Input
Isolated DC/DC Converter
PT4411
VID4=1
VID4=0
VID3 VID2 VID1 VID0
Vout
Vout
1111
N/D *
1.30 V
1110
2.10 V
1.35 V
1101
2.20 V
1.40 V
1100
2.30 V
1.45 V
1011
2.40 V
1.50 V
1010
2.50 V
1.55 V
1001
2.60 V
1.60 V
1000
2.70 V
1.65 V
0111
2.80 V
1.70 V
0110
2.90 V
1.75 V
0101
3.00 V
1.80 V
0100
3.10 V
1.85 V
0011
3.20 V
1.90 V
0010
3.30 V
1.95 V
0001
3.40 V
2.00 V
0000
3.50 V
2.05 V
Logic 0 =Pin 12 potential; (–)Remote Sense
Logic 1 =Open circuit (no pull-up resistors)
Output Voltage Programming Information
Pin Descriptions
+Vin:
The positive input for the module with respect to
–Vin. When powering the module from a –48-V telecom
central office supply, this input is connected to the primary
system ground.
–Vin:
The negative input supply for the module, and the
0 VDC reference for the Remote On/Off input. When
powering the module from a +48-V supply, this input is
connected to the 48-V(Return).
Remote On/Off:
An open-collector (open-drain) positive
logic input that is referenced to –Vin. Pulling this input
down to –Vin potential disables the module’s output. If
this input is left open-circuit, the module will produce an
output whenever a valid input source is applied.
VID0 – VID4:
Selects the set-point output voltage of the
converter according to the applicable program code.
VID0 – VID4 must either be connected to (–)Remote
Sense or left open circuit. Note: For the PT4412, VID 4 is
internally disabled and may be left open circuit.
+Vo:
The positive power output with respect to -Vo, which
is DC isolated from the input supply pins. If a negative
output voltage is desired, +Vo should be connected to the
secondary circuit common and the output taken from –Vo.
–Vo:
The negative power output with respect to +Vo,
which is DC isolated from the input supply pins. This
output is normally connected to the secondary circuit
common when a positive output voltage is desired.
+Remote Sense:
Provides the converter with remote sense
capability to regulate the set-point voltage directly at the
load. When used with –Remote Sense, the regulation
circuitry will compensate for voltage drop between the
converter and the load. The pin may be left open circuit,
but connecting it to +Vo will improve load regulation.
–Remote Sense:
This is the logic ‘0’ reference for the
inputs VID0 – VID4, and provides the converter with
remote sense capability when used in conjunction with
+Remote Sense. For optimum output voltage accuracy
this pin should always be connected to –Vo.
PT4412
VID4= NC
Vout
N/D *
1.05 V
1.10 V
1.15 V
1.20 V
1.25 V
1.30 V
1.35 V
1.40 V
1.45 V
1.50 V
1.55 V
1.60 V
1.65 V
1.70 V
1.75 V
* N/D = Voltage is not defined. The regulator
produces a low-voltage periodic pulse (less
than 1 V) approximately every 10 ms.
Note: During operation, changes to the program code should be limited to 15 % of Vo so as to avoid activating the
output O V protection.
SLTS170C - JULY 2002 - REVISED JUNE 2003
PT4413
VID4= NC
Vout
N/D *
3.40 V
3.56 V
3.72 V
3.88 V
4.05 V
4.21 V
4.37 V
4.53 V
4.69 V
4.86 V
5.02 V
5.18 V
5.34 V
5.50 V
5.67 V
Environmental Specifications
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Operating Temperature Range
Ta
Over Vin Range
–40
—
+85 (i)
°C
ShutdownTemperature
OTP
Case temperature - auto reset
—
115
—
°C
Solder Reflow Temperature
Treflow
Surface temperature of module pins or case
—
—
215 (ii)
°C
Storage Temperature
Ts
—
–40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, ½ Sine, mounted
—
500
—
G’s
Mechanical Vibration
Mil-STD-883D, Method 2007.2
Vertical
—
15 (iii)
—
G’s
20-2000 Hz, PCB mounted
Horizontal
—
20 (iii)
—
Weight
—
Vertical/Horizontal
—
50
—
grams
Flammability
—
Meets UL 94V-O
Notes
(i) See SOA curves or consult factory for appropriate derating
(ii) During solder reflow of SMD package version, do not elevate the module case, pins, or internal component temperatures above a peak of 215 °C. For
further guidance refer to the application note, “Reflow Soldering Requirements for Plug-in Power Surface Mount Products,” (SLTA051).
(iii) The case pins on the through-hole package types (suffixes N &A) must be soldered. For more information see the applicable package outline drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com