Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLTS034A Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS034A
Description  Small SIP Footprint
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS034A Datasheet(HTML) 2 Page - Texas Instruments

  SLTS034A Datasheet HTML 1Page - Texas Instruments SLTS034A Datasheet HTML 2Page - Texas Instruments SLTS034A Datasheet HTML 3Page - Texas Instruments SLTS034A Datasheet HTML 4Page - Texas Instruments SLTS034A Datasheet HTML 5Page - Texas Instruments SLTS034A Datasheet HTML 6Page - Texas Instruments SLTS034A Datasheet HTML 7Page - Texas Instruments SLTS034A Datasheet HTML 8Page - Texas Instruments SLTS034A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TYPICAL
CHARACTERISTICS
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6500 Series
8 Amp 5V/3.3V Input Adjustable ISR
with Short-Circuit Protection
Note A:
All data listed in the above graphs has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
PT6501, 3.3 VDC, Vin=5.0V
(See Note A)
PT6502, 1.5 VDC, Vin=5.0V
(See Note A)
PT6503, 2.5 VDC, Vin=5.0V
(See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
0
1
2
3
4
5
6
7
01
2345
6
7
8
Iout-(Amps)
6.0V
5.5V
5.0V
4.5V
Vin
0
1
2
3
4
5
6
01
2
34
567
8
Iout-(Amps)
6.0V
5.0V
4.5V
4.0V
3.5V
3.1V
Vin
0
1
2
3
4
5
6
7
012
3
456
78
Iout-(Amps)
6.0V
5.5V
5.0V
4.5V
4.0V
Vin
40
50
60
70
80
90
100
0123
4
5678
Iout-(Amps)
4.5V
5.0V
5.5V
6.0V
Vin
40
50
60
70
80
90
100
01
2
3
4
5
6
7
8
Iout-(Amps)
3.1V
3.5V
4.0V
4.5V
5.0V
6.0V
Vin
40
50
60
70
80
90
100
01
234
56
78
Iout-(Amps)
4.0V
4.5V
5.0V
5.5V
6.0V
Vin
0
5
10
15
20
25
30
35
01
23
45
6
7
8
Iout-(Amps)
6.0V
5.5V
5.0V
4.5V
Vin
0
10
20
30
40
50
01
2
3456
78
Iout-(Amps)
3.1V
3.5V
4.0V
4.5V
5.0V
6.0V
Vin
0
10
20
30
40
50
60
01
23
4
5
6
7
8
Iout-(Amps)
6.0V
5.5V
5.0V
4.5V
4.0V
Vin
Specifications (continued)
Characteristics
PT6500 SERIES
(T
a=25
°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Storage Temperature
Ts
—
-40
—
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3,
—
500
—
G’s
1msec, half sine, fixture mounted
Mechanical Vibration
Per Mil-STD-883D, Methode 2007.2,
—
7.5
—
G’s
20-20,000 Hz, soldered ina PC board
Weight
—
23
—
grams
Notes:
(1) ISR will operate down to no load with reduced specifications.
(2) The minimum input voltage required by the part is Vout +1.2V or 3.1V, whichever is greater.
(3) For operation below 0°C, use tantalum capacitors. For more information see the related applicatoin note, “PT6000/7000 Series Capacitor
Recommendations.”
(4) See Thermal Derating charts.
Input/Output Capacitors:
The PT6500 series requires a 330µF electrolytic or tantalum input and output capacitor for proper operation in all applications. C1 (input)
must be rated for 1.2Arms and 100m
Ω max. ESR. C2 (output) must must be rated for 400mArms ripple current and 0.2Ω max. ESR.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com