Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CP22 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CP22
Description  2X2 800 Mbps LVDS Crosspoint Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CP22 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90CP22 Datasheet HTML 1Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 2Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 3Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 4Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 5Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 6Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 7Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 8Page - National Semiconductor (TI) DS90CP22 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage (EN0,
EN1, SEL0, SEL1)
−0.3V to (V
CC + 0.3V)
LVDS Receiver Input Voltage
(IN+, IN−)
−0.3V to +4V
LVDS Driver Output Voltage
(OUT+, OUT−)
−0.3V to +4V
LVDS Output Short Circuit
Current
Continuous
Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
+260˚C
Maximum Package Power Dissipation at 25˚C
16L SOIC
1.435 W
16L SOIC Package Derating
11.48 mW/˚C above +25˚C
16L TSSOP
0.866 W
16L TSSOP Package Derating
9.6 mW/˚C above +25˚C
ESD Rating:
(HBM, 1.5k
Ω, 100pF)
> 5kV
(EIAJ, 0
Ω, 200pF)
> 250 V
Recommended Operating
Conditions
Min Typ Max Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Receiver Input Voltage
0
V
CC
V
Operating Free Air Temperature
-40
+25 +85
˚C
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS (EN0,EN1,SEL0,SEL1)
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
I
IH
High Level Input Current
V
IN = 3.6V or 2.0V; VCC = 3.6V
+7
+20
µA
I
IL
Low Level Input Current
V
IN = 0V or 0.8V; VCC = 3.6V
±1
±10
µA
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.8
−1.5
V
LVDS OUTPUT DC SPECIFICATIONS (OUT0,OUT1)
V
OD
Differential Output Voltage
R
L =75
Ω
270
365
475
mV
R
L =75
Ω,V
CC = 3.3V, TA = 25˚C
285
365
440
mV
∆V
OD
Change in V
OD between Complimentary Output States
35
mV
V
OS
Offset Voltage (Note 3)
1.0
1.2
1.45
V
∆V
OS
Change in V
OS between Complimentary Output States
35
mV
I
OZ
Output TRI-STATE® Current
TRI-STATE Output,
±1
±10
µA
V
OUT =VCC or GND
I
OFF
Power-Off Leakage Current
V
CC = 0V; VOUT = 3.6V or GND
±1
±10
µA
I
OS
Output Short Circuit Current
V
OUT+ OR VOUT− = 0V
−15
−25
mA
I
OSB
Both Outputs Short Circuit Current
V
OUT+ AND VOUT− = 0V
−30
−50
mA
LVDS RECEIVER DC SPECIFICATIONS (IN0,IN1)
V
TH
Differential Input High Threshold
V
CM = +0.05V or +1.2V or +3.25V,
0
+100
mV
V
TL
Differential Input Low Threshold
Vcc = 3.3V
−100
0
mV
V
CMR
Common Mode Voltage Range
V
ID = 100mV, Vcc = 3.3V
0.05
3.25
V
I
IN
Input Current
V
IN = +3.0V, VCC = 3.6V or 0V
±1
±10
µA
V
IN = 0V, VCC = 3.6V or 0V
±1
±10
µA
SUPPLY CURRENT
I
CCD
Total Supply Current
R
L =75
Ω,C
L = 5 pF,
EN0 = EN1 = High
98
125
mA
I
CCZ
TRI-STATE Supply Current
EN0 = EN1 = Low
43
55
mA
Note 1: “Absolute Maximum Ratings” are these beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should
be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 2: All typical are given for VCC = +3.3V and TA = +25˚C, unless otherwise stated.
Note 3: VOS is defined and measured on the ATE as (VOH +VOL)/2.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com