Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET-8AI2-4AO2 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # ET-8AI2-4AO2
Description  Industrial Ethernet I/O Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ET-8AI2-4AO2 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  ET-8AI2-4AO2 Datasheet HTML 1Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ET-8AI2-4AO2 EtherTRAK® Ethernet I/O
Sixnet Automation Series
Industrial Ethernet I/O Module
Sixnet Technology Park • 331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
EtherTRAKTM ANALOG INPUTS AND OUTPUTS
Select the ET-8AI2-4AO2 when you need a mix of 4-20 mA analog inputs and outputs at
the same location.
ET-8AI2-4AO2
PRODUCT HIGHLIGHTS
Single compact solution for small stations
Lowest cost for small analog applications
Input/output combination is ideal for control
Ethernet or RS485 Modbus capability
PERFORMANCE SPECIFICATIONS
8 analog inputs
Analog input range 4-20 mA
Analog input resolution 14 bits (0.01%)
Analog input characteristics Same as ET-16AI2
4 of analog outputs
Output range 4-20 mA
16 bits D/A resolution (less than 1μA)
Full scale accuracy (@20°C) +/- 0.02%
Span and offset temp. coefcient +/- 50 ppm per °C typical
Max. output settling time (to 0.05%) 5 mS
Required user supplied voltage 10-30 VDC
Load resistance range (@ +24 VDC supply) 0-750 Ohms
Short circuit protection current limiting
Fastest scan rate (all channels) 5 mS
Required supply voltage 10-30 VDC (0.75 watt typical)
Operating temperature range -30 to 70° C
Storage temperature range -40 to 85° C
Humidity (non-condensing) 5 to 95%
RS485 PORT FOR I/O EXPANSION
32 Max. RS485 station (up to 512 I/O)
Baud rate: 38,400 bps
Recommended distance of up to 0.5 mile
Protocol: SIXNET “I/O for Windows”, Modbus ASCII & RTU
Isolation (from Ethernet port) 1200 Volts RMS 1 minute
ORDERING INFORMATION
ET-8AI2-4AO2-H 8AI and 4AO with wiring base
ET-8AI2-4AO2-M Replacement module only
PRODUCT DATASHEET
All specications are subject to change. Consult factory for latest info.
Datasheet ET-8AI2-4AO2
May 20, 2009
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0172 090913 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
Sixnet Technology Park • 331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
EtherTRAKTM ANALOG INPUTS AND OUTPUTS
Select the ET-8AI2-4AO2 when you need a mix of 4-20 mA analog inputs and outputs at
the same location.
ET-8AI2-4AO2
PRODUCT HIGHLIGHTS
Single compact solution for small stations
Lowest cost for small analog applications
Input/output combination is ideal for control
Ethernet or RS485 Modbus capability
PERFORMANCE SPECIFICATIONS
8 analog inputs
Analog input range 4-20 mA
Analog input resolution 14 bits (0.01%)
Analog input characteristics Same as ET-16AI2
4 of analog outputs
Output range 4-20 mA
16 bits D/A resolution (less than 1μA)
Full scale accuracy (@20°C) +/- 0.02%
Span and offset temp. coefcient +/- 50 ppm per °C typical
Max. output settling time (to 0.05%) 5 mS
Required user supplied voltage 10-30 VDC
Load resistance range (@ +24 VDC supply) 0-750 Ohms
Short circuit protection current limiting
Fastest scan rate (all channels) 5 mS
Required supply voltage 10-30 VDC (0.75 watt typical)
Operating temperature range -30 to 70° C
Storage temperature range -40 to 85° C
Humidity (non-condensing) 5 to 95%
RS485 PORT FOR I/O EXPANSION
32 Max. RS485 station (up to 512 I/O)
Baud rate: 38,400 bps
Recommended distance of up to 0.5 mile
Protocol: SIXNET “I/O for Windows”, Modbus ASCII & RTU
Isolation (from Ethernet port) 1200 Volts RMS 1 minute
ORDERING INFORMATION
ET-8AI2-4AO2-H 8AI and 4AO with wiring base
ET-8AI2-4AO2-M Replacement module only
PRODUCT DATASHEET
All specications are subject to change. Consult factory for latest info.
Datasheet ET-8AI2-4AO2
May 20, 2009
Sixnet Technology Park • 331 Ushers Road • Ballston Lake, NY 12019 • USA
1.518.877.5173 • Fax 1.518.877.8346 • sales@sixnet.com
SOLUTIONS FOR YOUR INDUSTRIAL NETWORKING CHALLENGES
WWW.SIXNET.COM
EtherTRAKTM ANALOG INPUTS AND OUTPUTS
Select the ET-8AI2-4AO2 when you need a mix of 4-20 mA analog inputs and outputs at
the same location.
ET-8AI2-4AO2
PRODUCT HIGHLIGHTS
Single compact solution for small stations
Lowest cost for small analog applications
Input/output combination is ideal for control
Ethernet or RS485 Modbus capability
PERFORMANCE SPECIFICATIONS
8 analog inputs
Analog input range 4-20 mA
Analog input resolution 14 bits (0.01%)
Analog input characteristics Same as ET-16AI2
4 of analog outputs
Output range 4-20 mA
16 bits D/A resolution (less than 1μA)
Full scale accuracy (@20°C) +/- 0.02%
Span and offset temp. coefcient +/- 50 ppm per °C typical
Max. output settling time (to 0.05%) 5 mS
Required user supplied voltage 10-30 VDC
Load resistance range (@ +24 VDC supply) 0-750 Ohms
Short circuit protection current limiting
Fastest scan rate (all channels) 5 mS
Required supply voltage 10-30 VDC (0.75 watt typical)
Operating temperature range -30 to 70° C
Storage temperature range -40 to 85° C
Humidity (non-condensing) 5 to 95%
RS485 PORT FOR I/O EXPANSION
32 Max. RS485 station (up to 512 I/O)
Baud rate: 38,400 bps
Recommended distance of up to 0.5 mile
Protocol: SIXNET “I/O for Windows”, Modbus ASCII & RTU
Isolation (from Ethernet port) 1200 Volts RMS 1 minute
ORDERING INFORMATION
ET-8AI2-4AO2-H 8AI and 4AO with wiring base
ET-8AI2-4AO2-M Replacement module only
PRODUCT DATASHEET
All specications are subject to change. Consult factory for latest info.
Datasheet ET-8AI2-4AO2
May 20, 2009


Similar Part No. - ET-8AI2-4AO2

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
ET-830 ESTEK-ET-830 Datasheet
1Mb / 2P
N-Channel MOSFET
ET-840 ESTEK-ET-840 Datasheet
1Mb / 2P
N-Channel MOSFET
logo
Red Lion Controls. Inc
ET-8CNT REDLION-ET-8CNT Datasheet
480Kb / 1P
High-Speed Counters
ET-8CNT-M REDLION-ET-8CNT-M Datasheet
480Kb / 1P
High-Speed Counters
ET-8CNT-U REDLION-ET-8CNT-U Datasheet
480Kb / 1P
High-Speed Counters
More results

Similar Description - ET-8AI2-4AO2

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ET-MIX24880 REDLION-ET-MIX24880 Datasheet
612Kb / 2P
Ethernet Combination I/O Module
ET-16DO2 REDLION-ET-16DO2 Datasheet
483Kb / 1P
Ethernet I/O Module ??Discrete Outputs
ET-16DI2 REDLION-ET-16DI2 Datasheet
744Kb / 1P
Ethernet I/O Module ??Discrete Inputs
ET-16AI2 REDLION-ET-16AI2 Datasheet
462Kb / 1P
Ethernet I/O Module ??Analog Inputs
ET-8INS REDLION-ET-8INS Datasheet
469Kb / 1P
Ethernet I/O Module ??Instrumentation Input
ET-4RTD-4DI2 REDLION-ET-4RTD-4DI2 Datasheet
740Kb / 1P
Industrial Ethernet I/O Module
logo
M-System Co.,Ltd.
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
R7K4FE-6-DC16 MSYSTEM-R7K4FE-6-DC16 Datasheet
258Kb / 7P
Remote I/O R7K4F Series ETHERNET I/O MODULE
logo
Advantech Co., Ltd.
WISE-4000LAN ADVANTECH-WISE-4000LAN Datasheet
138Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
DS_WISE-4000LAN ADVANTECH-DS_WISE-4000LAN Datasheet
137Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com