Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6022SSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMNH6022SSD
Description  60V DUAL N-CHANNEL 175째C MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6022SSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMNH6022SSD Datasheet HTML 1Page - Diodes Incorporated DMNH6022SSD Datasheet HTML 2Page - Diodes Incorporated DMNH6022SSD Datasheet HTML 3Page - Diodes Incorporated DMNH6022SSD Datasheet HTML 4Page - Diodes Incorporated DMNH6022SSD Datasheet HTML 5Page - Diodes Incorporated DMNH6022SSD Datasheet HTML 6Page - Diodes Incorporated DMNH6022SSD Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMNH6022SSD
Document number: DS37865 Rev. 5 - 2
1 of 7
www.diodes.com
August 2016
© Diodes Incorporated
DMNH6022SSD
60V DUAL N-CHANNEL 175°C MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID
TC = +25°C
60V
27m
Ω @ VGS = 10V
22.6A
30m
Ω @ VGS = 6V
21.5A
Description
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)), yet maintain superior switching performance,
making it ideal for high-efficiency power management applications.
Applications
Engine Management Systems
Body Control Electronics
DC-DC Converters
Features
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching
– Ensures More Reliable
and Robust End Application
Low RDS(ON) – Minimizes Power Losses
Low Qg – Minimiszs Switching Losses
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, ―Green‖ Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMNH6022SSD-13
SO-8
2,500 / Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
D1
S1
G1
SO-8
Equivalent Circuit
D2
S2
G2
SO-8
Top View
Top View
Pin Configuration
S1
D2
S2
D1
G2
G1
D1
D2
Pin1
= Manufacturer’s Marking
NH6022SD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 16 = 2016)
WW = Week (01 to 53)
1
4
8
5
NH6022SD
WW
YY


Similar Part No. - DMNH6022SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6022SSDQ DIODES-DMNH6022SSDQ Datasheet
321Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMNH6022SSDQ-13 DIODES-DMNH6022SSDQ-13 Datasheet
321Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - DMNH6022SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMNH6012LK3 DIODES-DMNH6012LK3 Datasheet
615Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMNH6012LK3Q DIODES-DMNH6012LK3Q Datasheet
492Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMNH6021SPD DIODES-DMNH6021SPD Datasheet
458Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Rev 3
DMNH6021SPDQ DIODES-DMNH6021SPDQ Datasheet
472Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI
Rev 2
DMNH6022SSDQ DIODES-DMNH6022SSDQ Datasheet
321Kb / 7P
60V 175째C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMNH6042SK3 DIODES-DMNH6042SK3 Datasheet
402Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMNH6042SK3Q DIODES-DMNH6042SK3Q Datasheet
356Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMNH6042SPD DIODES-DMNH6042SPD Datasheet
562Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMNH6042SPDQ DIODES-DMNH6042SPDQ Datasheet
637Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMNH6042SPS DIODES-DMNH6042SPS Datasheet
543Kb / 7P
60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com