Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSBASE00 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # CSBASE00
Description  Enhanced Data Station Plus & Modular Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CSBASE00 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  CSBASE00 Datasheet HTML 1Page - Red Lion Controls. Inc CSBASE00 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control
for industrial automation and networking, Red Lion has been
delivering innovative solutions for over forty years. Our award-
winning technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red
Lion, N-Tron and Sixnet. With headquarters in York, Pennsylvania,
the company has offices across the Americas, Asia-Pacific and
Europe. For more information, please visit www.redlion.net. Red
Lion is a Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
COMMUNICATION PROPERTIES
USB/PG Port: Adheres to USB 2.0 specification full speed only via
Type B connection
USB Host Port: Complies with Universal Serial Bus Specification
Rev 2.0. and supports data transfers at full-speed (hardware over
current protected at 0.5 A max)
Serial Ports: Format and baud rates for each port are individually
software programmable
Serial Ports: Individually isolated
Communication Port to Port: 1500 VAC
Communication Ports to Power: 1000 VDC
Communication Ports to Earth: 1000 VDC
Units Dielectric: Withstand test per 1 minute
Communication Ports: RS232/PG, RS232 port, RS485 port,
Ethernet port and option cards
RS232/PG Port: RS232 port via RJ12
COMMS Ports: RS422/485 port via RJ45, and RS232 port via RJ12
DH485 TXEN: Transmit enable; open collector, V
OH = 15 VDC,
V
OL = 0.5 V @ 25 mA max
Ethernet Port: 10 BASE-T/100 BASE-TX
RJ45 Jack: Wired as a NIC (Network Interface Card); jack shield
is electrically connected to earth ground, but the port is isolated
LEDs
STS: Status LED indicates condition of master or DSP
USB HOST: HOST LED indicates port status/activity
TX/RX: Transmit/receive LEDs show serial activity
Ethernet: Link and activity LEDs
CF: CompactFlash LED indicates card status and read/write activity
MEMORY
On-board User Memory: 128 Mbytes of non-volatile Flash memory
On-board RAM: 64 Mbytes
Memory Card: CompactFlash Type II slot for Type I and Type II cards
REAL-TIME CLOCK
Typical Accuracy: less than one minute per month drift (Crimson’s
SNTP facility allows synchronization with external servers)
Battery: Lithium Coin Cell with typical lifetime of 10 years at 25 º
A “Battery Low” system variable is available so that the
programmer can choose specific action(s) to occur when
the battery voltage drops below its nominal voltage
This unit is NOT field serviceable and all work must be done by
a qualified technician
POWER
24 VDC ± 10%
CSMSTRZR: 450 mA min. (1 module); 3.4 Amps max. (16 modules +
Expansion Card)
DSPZR: 250 mA min., without expansion card; 1 Amp maximum with
expansion card fitted
For All Units: Must use NEC Class 2 or Limited Power Source (LPS)
rated power supply
POWER CONNECTION
Removable wire clamp screw terminal block
Wire Gage Capacity: 24 AWG to 12 AWG
Torque: 4.45 to 5.34 in/lb (0.5 to 0.6 N-m)
CERTIFICATION & COMPLIANCE
CSMSTRZR - Check each module’s specifications to determine
system compliance
IEC/EN 61010-1 CE Approved
ENVIRONMENTAL
Operating Temperature Range: 0°C to 45°C
Storage Temperature Range: -30°C to +70°C
Operating and Storage Humidity: 80% max relative humidity,
non-condensing, from 0°C to 50°C
Altitude: Up to 2000 meters
MECHANICAL
Construction: Case body is burgundy high impact plastic and stainless
steel for indoor use only (installation category II, pollution degree 2)
Mounting: Snaps onto standard DIN style top hat (T) profile mounting rails
according to EN50022 -35 x 7.5 and -35 x 15.
Weight: 1.30 lb (590 g)
DIMENSIONS In inches (mm)
ORDERING INFORMATION
PART NUMBER
MODEL
DESCRIPTION
CSMSTRZR
CSMSTRZR1
Enhanced Modular Controller Master
DSPZR000
DSPZR
Enhanced Data Station Plus
CBLPROG0
CBL
RS232 Programming cable
CBLUSB00
USB cable
CBLxxxxx
Communications cables2
PSDRxxxx
PSDR
DIN-Rail mounted power supply
XCCN0000
XCCN
CANopen option card
XCDN0000
XCDN
DeviceNet option card
XCENET00
XCENET
Ethernet option card
XCGSM000
XCGSM
GSM Cellular option card3
XCPBDP00
XCPB
PROFIBUS option card
XCRS0000
XCRS
RS232/485 option card
G3CFxxxx
G3CF
CompactFlash card4
CSBASE00
Replacement base (CSMSTRZR only)
CSTERM00
Replacement termination plug (CSMSTRZR only)
CSBUNG00
Replacement rubber end cap (CSMSTRZR only)
Notes:
1
For a complete list of PID modules & data acquisition modules, go to www.redlion.net/link/wp.
asp?ID=6162. 2 For a complete list of communications drivers and cables, go to www.redlion.
net/link/wp.asp?ID=6163. 3 Antenna (G3QANT00) is NOT included with the card. Must be
purchased separately if needed. 4 Industrial grade two million write cycles. SMART Modular
Technologies model SG9CF (UL Listed Directory Category NWGQ).
Enhanced Data Station Plus & Modular Controller Specifications
3.35 (85.2)
5.21
(132.4)
4.18 (106.1)
STS
CF
ADLD0149 080213 ©2013 Red Lion Controls



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com