Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6042SPD-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMNH6042SPD-13
Description  60V 175째C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6042SPD-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMNH6042SPD-13 Datasheet HTML 1Page - Diodes Incorporated DMNH6042SPD-13 Datasheet HTML 2Page - Diodes Incorporated DMNH6042SPD-13 Datasheet HTML 3Page - Diodes Incorporated DMNH6042SPD-13 Datasheet HTML 4Page - Diodes Incorporated DMNH6042SPD-13 Datasheet HTML 5Page - Diodes Incorporated DMNH6042SPD-13 Datasheet HTML 6Page - Diodes Incorporated DMNH6042SPD-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMNH6042SPD
Document number: DS37387 Rev. 3 - 2
4 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMNH6042SPD
10
100
1000
0
5
10 15 20 25 30 35 40 45 50 55 60
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10 Typical Junction Capacitance
f = 1MHz
C
iss
C
oss
C
rss
0
2
4
6
8
10
0
2
4
6
8
10
Q
g (nC)
Figure 11 Gate Charge
V
DS = 44V, ID = 5.2A
V
, DRAIN-SOURCE VOLTAGE (V)
Figure 12 SOA, Safe Operation Area
DS
I
,
D
R
A
I
N
C
U
R
R
E
N
T
(
A
)
D
R
Limited
DS(ON)
0.01
0.1
1
10
100
0.1
1
10
100
T
= 150°C
T = 25°C
V
= 10V
Single Pulse
J(max)
A
GS
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Drain-Source Leakage Current vs. Voltage
I
,
D
R
A
I
N
L
E
A
K
A
G
E
C
U
R
R
E
N
T
(
n
A
)
D
S
S
0.1
1
10
100
1000
10000
0
5
10 15 20 25 30 35 40 45 50 55 60
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
I
,
S
O
U
R
C
E
C
U
R
R
E
N
T
(
A
)
S
T = 85°C
A
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
0.3
0.6
0.9
1.2
1.5
T = 150°C
A
T = 175°C
A
T = -55°C
A
T = 25°C
A
T = 85°C
A
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Junction Temperature
J

V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(t
h
)
1
1.3
1.6
1.9
2.2
2.5
-50
-25
0
25
50
75
100 125 150 175
I = 1mA
D
I = 250µA
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com