Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # LM2901
Description  DUAL AND QUAD DIFFERENTIAL COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2901 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button LM2901 Datasheet HTML 7Page - Diodes Incorporated LM2901 Datasheet HTML 8Page - Diodes Incorporated LM2901 Datasheet HTML 9Page - Diodes Incorporated LM2901 Datasheet HTML 10Page - Diodes Incorporated LM2901 Datasheet HTML 11Page - Diodes Incorporated LM2901 Datasheet HTML 12Page - Diodes Incorporated LM2901 Datasheet HTML 13Page - Diodes Incorporated LM2901 Datasheet HTML 14Page - Diodes Incorporated LM2901 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LM2901/ LM2901A/ LM2903/ LM2903A
Document number: DS36779 Rev. 3 - 2
11 of 18
www.diodes.com
May 2016
© Diodes Incorporated
LM2901/ LM2901A/ LM2903/ LM2903A
Typical Application Circuit (VCC = 5.0VDC) (Cont.)
VIN
Limit Comparator
10K
Ω
+
-
+VREF LOW
+
V+(12VDC)
+
-
2RS
+VREF HIGH
2RS
RS
2N2222
LAMP
12 ESB
Comparing Input Voltage of
Opposite Polarity
5.1K
Ω
-VIN2
100K
Ω
100K
Ω
+VIN1
2N2222
ORing the Outputs
3.0K
Ω
+
-
V+
+
-
VO
1N914
5.1K
Ω
Zero Crossing Detector
(Single Power Supply)
V+
Vo
+
-
100K
Ω
10K
Ω
0
V+
“0”"1”
5.1K
Ω
5.1K
Ω
100K
Ω
20M
Ω
VIN
t0
t1
1N914
10K
Ω
One-Shot Multivibrator
V+
Vo
+
-
1M
Ω
1M
Ω
0
+
t0
100pF
1M
Ω
1N914
0.001uF
PW
V+
1ms
0
100K
Ω
100K
Ω
75pF
+
-
V+
Vo
4.3K
Ω
100K
Ω
Squarewave Oscillator
V+
0
100K
Ω
V+
1:100KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com