Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF102 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF102
Description  QwikRadio UHF ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF102 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF102 Datasheet HTML 1Page - Micrel Semiconductor MICRF102 Datasheet HTML 2Page - Micrel Semiconductor MICRF102 Datasheet HTML 3Page - Micrel Semiconductor MICRF102 Datasheet HTML 4Page - Micrel Semiconductor MICRF102 Datasheet HTML 5Page - Micrel Semiconductor MICRF102 Datasheet HTML 6Page - Micrel Semiconductor MICRF102 Datasheet HTML 7Page - Micrel Semiconductor MICRF102 Datasheet HTML 8Page - Micrel Semiconductor MICRF102 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
September 2002
3
MICRF102
MICRF102
Micrel
Electrical Characteristics
Specifications apply for 4.75V < V
DD < 5.5V, VPC = 0.35V, TA = 25°C, freqREFOSC = 12.1875MHz, STBY = VDD. Bold values indicate
0
°C ≤ T
A ≤ 85°C unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Power Supply
Standby Supply Current, I
Q
V
STBY < 0.5V, VASK < 0.5V or VASK > VDD – 0.5V
0.04
µA
MARK Supply Current, I
ON
@315MHz, Note 4
6
10.5
mA
@433MHz, Note 4
8
12
mA
SPACE Supply Current, I
OFF
@315MHz
4
6
mA
@433MHz
6
8.5
mA
Mean Operating Current
33% mark/space ratio at 315MHz, Note 4
4.7
mA
33% mark/space ratio at 433MHz, Note 4
6.7
mA
RF Output Section and Modulation Limits:
Output Power Level, P
OUT
@315MHz; Note 4, Note 5
tbd
dBm
@433MHz; Note 4, Note 5
tbd
dBm
Transmitted Power
@315MHz
tbd
µV/m
@433MHz
tbd
µV/m
Harmonics Output, Note 10
@ 315MHz
2nd harm.
–46
dBc
3rd harm.
–45
@433 MHz
2nd harm.
–50
dBc
3rd harm.
–41
Extinction Ratio for ASK
40
52
dBc
Varactor Tuning Range
Note 7
3
5
7
pF
Reference Oscillator Section
Reference Oscillator Input
300
k
Ω
Impedance
Reference Oscillator Source
6
µA
Current
Reference Oscillator Input
0.2
0.5
V
PP
Voltage (peak to peak)
Absolute Maximum Ratings (Note 1)
Supply Voltage(V
DD) ..................................................... +6V
Voltage on I/O Pins ............................. V
SS–0.3 to VDD+0.3
Storage Temperature Range .................. –65
°C to + 150°C
Lead Temperature (soldering, 10 seconds) ........... + 300
°C
ESD Rating .............................................................. Note 3
Operating Ratings (Note 2)
Supply Voltage (V
DD) .................................... 4.75V to 5.5V
Maximum Supply Ripple Voltage ............................... 10mV
PC Input Range .............................. 150mV < V
PC < 350mV
Ambient Operating Temperature (T
A) ............ 0°C to +85°C
Programmable Transmitter Frequency Range:
.................................................... 300MHz to 470MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com