Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

508FX2 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # 508FX2
Description  Industrial Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

508FX2 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  508FX2 Datasheet HTML 1Page - Red Lion Controls. Inc 508FX2 Datasheet HTML 2Page - Red Lion Controls. Inc 508FX2 Datasheet HTML 3Page - Red Lion Controls. Inc 508FX2 Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
508FX2 Industrial Ethernet Switch Specifications
www.n-tron.com
508FX2-A
Specications
Switch Properties
Number of MAC Addresses:
4,000
Aging Time:
20s, Programmable (-A option)
Latency Typical:
2.1 μs
Switching Method:
Store & Forward
Case Dimensions
Height:
2.3" (5.8 cm)
Width:
5.9" (15.0 cm)
Depth:
3.8" (9.7 cm)
Weight:
1.6 lbs (0.8 kg)
Din-Rail:
35 mm
Electrical
Redundant Input Voltage:
10-30 VDC
Input Current:
380 mA @ 24VDC
BTU/hr:
31.1 @ 24VDC
Inrush:
8.5 amp/0.2ms @ 24VDC
Environmental
Operating Temperature:
-40oC to 85oC
Operating Humidity:
10% to 95% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounted)
Shock:
200 g @ 10 ms
Vibration/Seismic:
50 g, 5-200 Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Serial Conguration Port
Com Parameters:
9600,n,8,1
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
100BaseFX:
Multimode:
50-62.5/125μm
Singlemode:
7-10/125μm
Connectors
10/100BaseTX:
Six (6) RJ-45 Copper Ports
100BaseFX:
Two (2) SC or ST Duplex Ports
Recommended Wiring Clearance
Front:
4" (10.2 cm)
Side:
1" (2.6 cm)
Regulatory Approvals
FCC/CE (CFR 47, Part 15, Subpart B, Class A); ICES-003
EMC Dir 89/336/EEC, EN 50204, EN 55011
EN61000-4-2, 3, 4, 5, 6, 8,11, EN61000-6-2, 4
ANSI C63.4
UL /cUL: Class I, Div 2, Groups A, B, C, D and T4
UL 508 and UL 1604
CAN/CSA-C22.2 No.213, ATEX II 3 G Ex nA
IEEE 1613 for Electric Utility Substations
ABS Type Approval for Shipboard Applications
GOST-R Certied, RoHS Compliant
Designed to comply with:
NEMA TS1/TS2 for Trafc Control
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
www.n-tron.com
508FX2-A
Specications
Switch Properties
Number of MAC Addresses:
4,000
Aging Time:
20s, Programmable (-A option)
Latency Typical:
2.1 μs
Switching Method:
Store & Forward
Case Dimensions
Height:
2.3" (5.8 cm)
Width:
5.9" (15.0 cm)
Depth:
3.8" (9.7 cm)
Weight:
1.6 lbs (0.8 kg)
Din-Rail:
35 mm
Electrical
Redundant Input Voltage:
10-30 VDC
Input Current:
380 mA @ 24VDC
BTU/hr:
31.1 @ 24VDC
Inrush:
8.5 amp/0.2ms @ 24VDC
Environmental
Operating Temperature:
-40oC to 85oC
Operating Humidity:
10% to 95% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounted)
Shock:
200 g @ 10 ms
Vibration/Seismic:
50 g, 5-200 Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Serial Conguration Port
Com Parameters:
9600,n,8,1
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
100BaseFX:
Multimode:
50-62.5/125μm
Singlemode:
7-10/125μm
Connectors
10/100BaseTX:
Six (6) RJ-45 Copper Ports
100BaseFX:
Two (2) SC or ST Duplex Ports
Recommended Wiring Clearance
Front:
4" (10.2 cm)
Side:
1" (2.6 cm)
Regulatory Approvals
FCC/CE (CFR 47, Part 15, Subpart B, Class A); ICES-003
EMC Dir 89/336/EEC, EN 50204, EN 55011
EN61000-4-2, 3, 4, 5, 6, 8,11, EN61000-6-2, 4
ANSI C63.4
UL /cUL: Class I, Div 2, Groups A, B, C, D and T4
UL 508 and UL 1604
CAN/CSA-C22.2 No.213, ATEX II 3 G Ex nA
IEEE 1613 for Electric Utility Substations
ABS Type Approval for Shipboard Applications
GOST-R Certied, RoHS Compliant
Designed to comply with:
NEMA TS1/TS2 for Trafc Control
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable
www.n-tron.com
508FX2-A
Specications
Switch Properties
Number of MAC Addresses:
4,000
Aging Time:
20s, Programmable (-A option)
Latency Typical:
2.1 μs
Switching Method:
Store & Forward
Case Dimensions
Height:
2.3" (5.8 cm)
Width:
5.9" (15.0 cm)
Depth:
3.8" (9.7 cm)
Weight:
1.6 lbs (0.8 kg)
Din-Rail:
35 mm
Electrical
Redundant Input Voltage:
10-30 VDC
Input Current:
380 mA @ 24VDC
BTU/hr:
31.1 @ 24VDC
Inrush:
8.5 amp/0.2ms @ 24VDC
Environmental
Operating Temperature:
-40oC to 85oC
Operating Humidity:
10% to 95% (Non Condensing)
Operating Altitude:
0 to 10,000 ft.
Shock and Vibration (bulkhead mounted)
Shock:
200 g @ 10 ms
Vibration/Seismic:
50 g, 5-200 Hz, Triaxial
Reliability
MTBF:
>2 Million Hours
Serial Conguration Port
Com Parameters:
9600,n,8,1
Network Media
10BaseT:
≥Cat3 Cable
100BaseTX:
≥Cat5 Cable
100BaseFX:
Multimode:
50-62.5/125μm
Singlemode:
7-10/125μm
Connectors
10/100BaseTX:
Six (6) RJ-45 Copper Ports
100BaseFX:
Two (2) SC or ST Duplex Ports
Recommended Wiring Clearance
Front:
4" (10.2 cm)
Side:
1" (2.6 cm)
Regulatory Approvals
FCC/CE (CFR 47, Part 15, Subpart B, Class A); ICES-003
EMC Dir 89/336/EEC, EN 50204, EN 55011
EN61000-4-2, 3, 4, 5, 6, 8,11, EN61000-6-2, 4
ANSI C63.4
UL /cUL: Class I, Div 2, Groups A, B, C, D and T4
UL 508 and UL 1604
CAN/CSA-C22.2 No.213, ATEX II 3 G Ex nA
IEEE 1613 for Electric Utility Substations
ABS Type Approval for Shipboard Applications
GOST-R Certied, RoHS Compliant
Designed to comply with:
NEMA TS1/TS2 for Trafc Control
Fiber Transceiver Characteristics
Fiber Length
2km*
15km**
40km**
80km**
TX Power Min
-19dBm
-15dBm
-5dBm
-5dBm
RX Sensitivity Max
-31dBm
-31dBm
-34dBm
-34dBm
Wavelength
1310nm
1310nm
1310nm
1550nm
* Multimode Fiber Optic Cable
** Singlemode Fiber Optic Cable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com