Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045C Datasheet(PDF) 5 Page - Diodes Incorporated

Part # MBR3045C
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR3045C Datasheet(HTML) 5 Page - Diodes Incorporated

  MBR3045C Datasheet HTML 1Page - Diodes Incorporated MBR3045C Datasheet HTML 2Page - Diodes Incorporated MBR3045C Datasheet HTML 3Page - Diodes Incorporated MBR3045C Datasheet HTML 4Page - Diodes Incorporated MBR3045C Datasheet HTML 5Page - Diodes Incorporated MBR3045C Datasheet HTML 6Page - Diodes Incorporated MBR3045C Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MBR3045C
Document number: DS36957 Rev. 3 - 2
5 of 7
www.diodes.com
June 2014
© Diodes Incorporated
MBR3045C
Package Outline Dimensions (All dimensions in mm(inch).)
(1)
Package Type: TO-220-3 (2)
3°
3
°
3°
9.800(0.386)
10.200(0.402)
3.560(0.140)
3.640(0.143)
0.700(0.028)
0.900(0.035)
1.170(0.046)
1.390(0.055)
2.540(0.100)
REF
2.540(0.100)
REF
1.200(0.047)
1.400(0.055)
0.600(0.024)
REF
4.400(0.173)
4.600(0.181)
2.200(0.087)
2.500(0.098)
0.400(0.016)
0.600(0.024)
1.620(0.064)
1.820(0.072)
1.200(0.047)
1.400(0.055)
F
3.000(0.118)
REF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com