Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20150CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRF20150CT
Description  20A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRF20150CT Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRF20150CT Datasheet HTML 1Page - Diodes Incorporated MBRF20150CT Datasheet HTML 2Page - Diodes Incorporated MBRF20150CT Datasheet HTML 3Page - Diodes Incorporated MBRF20150CT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR20150CT / MBRF20150CT
Document number: DS36646 Rev. 4 - 2
3 of 4
www.diodes.com
April 2015
© Diodes Incorporated
MBR20150CT / MBRF20150CT
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
0.00001
0.0001
0.001
0.01
0.1
1
10
0
30
60
90
120
150
Figure 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = 175°C
A
0
2
4
6
8
10
12
0
25
50
75
100
125
150
175
Figure 4 Forward Current Derating Curve
T , AMBIENT TEMPERATURE (°C)
A
ITO-220AB (TO220F-3)
Dim
Min
Max
Typ
A
4.300
4.900
-
A2
2.520
2.920
-
A3
2.350
2.900
-
b
0.550
0.900
-
b1
1.000
1.400
-
b2
1.100
1.500
-
c
0.450
0.600
-
D
9.70
10.30
-
E
14.70
16.00
-
e
-
-
2.540
L
12.50
13.50
-
L1
2.790
4.500
-
X
6.90
7.10
-
Y
3.000
3.400
-
Y1
3.370
3.900
-
ø
3.000
3.550
-
All Dimensions in mm
TO-220AB
(Type C)
Dim
Min
Max
Typ
A
4.4
4.6
4.500
A2
2.2
2.5
2.400
A3
1.2
1.4
1.300
b
0.700
0.900
-
b1
1,.17
1.39
1.270
c
0.400
0.600
-
D
9.800
10.200
-
E
9.000
9.400
-
e
-
-
2.54
H1
6.300
6.700
-
L
12.600
13.600
-
L1
9.600
10.600
-
Y
-
-
11.100
Ø
3.560
3.640
-
All Dimensions in mm
D
X
Y
Y1
E
L
L1
b1
b2
b
e
e
A3
A
A2
c
ø
3°
D
Y
E
L
L1
H1
3°
3°
A
A2
c
e
e
A3
1.30
1.70
0.60
ø
b
b1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com