Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB08M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MSB08M
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MSB08M Datasheet(HTML) 1 Page - Diodes Incorporated

  MSB08M Datasheet HTML 1Page - Diodes Incorporated MSB08M Datasheet HTML 2Page - Diodes Incorporated MSB08M Datasheet HTML 3Page - Diodes Incorporated MSB08M Datasheet HTML 4Page - Diodes Incorporated MSB08M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSB08M
Document number: DS37067 Rev. 4 - 2
1 of 5
www.diodes.com
April 2016
© Diodes Incorporated
MSB08M
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Product Summary @TA = +25°C
VRRM (V)
IO (A)
VF (V)
IR (μA)
1,000
0.8
1.05
5
Description and Applications
Suitable for AC to DC bridge full wave rectification for SMPS, LED
lighting, adapter, battery charger, home appliances, office equipment
and telecommunication applications.
Features and Benefits
Glass Passivated Die Construction
Compact, Thin Profile Package Design
Reliable Robust Construction
Ideal for SMT Manufacturing
Lead-Free Finish/RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: MSB
Case Material: Molded Plastic; UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe;
Solderable per MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 0.07 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
MSB08M-13
MSB
3,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Green
Top View
Internal Schematic
M08 = Product Type Marking Code
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 6 = 2016)
WW = Week Code (01 to 53)
_
+
~
~
YWW
M08
_
Pin Diagram
Pin 1
MSB
MSB


Similar Part No. - MSB08M

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
MSB02001 DBLECTRO-MSB02001 Datasheet
2Mb / 13P
Functional characteristics
logo
E-CMOS Corporation
MSB0301D E-CMOS-MSB0301D Datasheet
564Kb / 3P
Single-Phase Bridge Rectifier in MSB
Rev.F001
logo
MORNSUN Science& Techno...
MSB0505(M)D-3W MORNSUN-MSB0505(M)D-3W Datasheet
465Kb / 6P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSB0505MD-3W MORNSUN-MSB0505MD-3W Datasheet
101Kb / 3P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - MSB08M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD01 DIODES-HD01_10 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. 13 - 2
DS17003 DIODES-DS17003 Datasheet
77Kb / 4P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 13
logo
DONGGUAN YOU FENG WEI E...
UM1B-UMB YFWDIODE-UM1B-UMB Datasheet
572Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS1-ABS-LBF YFWDIODE-ABS1-ABS-LBF Datasheet
419Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S-MBS YFWDIODE-MB1S-MBS Datasheet
430Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D1UBA05 ZSELEC-D1UBA05 Datasheet
47Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HD01 DIODES-HD01_17 Datasheet
242Kb / 5P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 14
logo
SHIKUES Electronics
MB1F SKTECHNOLGY-MB1F Datasheet
380Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1S SKTECHNOLGY-MB1S Datasheet
461Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
UM1B FS-UM1B Datasheet
500Kb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com