Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB12M Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MSB12M
Description  1.2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MSB12M Datasheet(HTML) 3 Page - Diodes Incorporated

  MSB12M Datasheet HTML 1Page - Diodes Incorporated MSB12M Datasheet HTML 2Page - Diodes Incorporated MSB12M Datasheet HTML 3Page - Diodes Incorporated MSB12M Datasheet HTML 4Page - Diodes Incorporated MSB12M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSB12M
Document number: DS37025 Rev. 4 - 2
3 of 5
www.diodes.com
May 2016
© Diodes Incorporated
MSB12M
0
0.2
0.4
0.8
1
1.2
0
25
50
75
T , CASE TEMPERATURE (°C)
C
Figure 1 Forward Current Derating Curve
100
125
150
0.6
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
TA = 150°C
TA = 125°C
TA = 100°C
TA = 50°C
TA = 25°C
TA = 75°C
Figure 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0.01
0.1
1
10
100
1000
200
400
600
800
1000
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
TA = 150°C
TA = 125°C
TA = 100°C
TA = 75°C
TA = 50°C
TA = 25°C
1
10
100
NUMBER OF CYCLES AT 60 H Z
Figure 4 Forward Surge Current Derating Curve
0
5
10
15
20
25
30
35
40
45
Pulse width 8.3ms
Single Half Sine-Wave
1
10
100
1
10
100
V
DC REVERSE VOLTAGE (V)
R,
Figure 5 Total Capacitance vs. Reverse Voltage
Note 5
f=1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com