Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8904Q Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM8904Q
Description  AUTOMOTIVE 18VPP OUTPUT PEIZO SOUNDER DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8904Q Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM8904Q Datasheet HTML 3Page - Diodes Incorporated PAM8904Q Datasheet HTML 4Page - Diodes Incorporated PAM8904Q Datasheet HTML 5Page - Diodes Incorporated PAM8904Q Datasheet HTML 6Page - Diodes Incorporated PAM8904Q Datasheet HTML 7Page - Diodes Incorporated PAM8904Q Datasheet HTML 8Page - Diodes Incorporated PAM8904Q Datasheet HTML 9Page - Diodes Incorporated PAM8904Q Datasheet HTML 10Page - Diodes Incorporated PAM8904Q Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PAM8904Q
Document number: DS38977 Rev. 1 - 2
9 of 11
www.diodes.com
June 2016
© Diodes Incorporated
PAM8904Q
Application Information (continued)
Short-Circuit Protection
The PAM8904Q has short circuit protection circuitry on the outputs to prevent damage. Once a short circuit is detected on the outputs the chip will
limit the total current to protect the output device. This is not a latched fault; once the short is removed the normal operation is restored.
Thermal Protection
If the junction temperature of the PAM904Q exceeds +150°C the device will enter overtemperature shutdown. The outputs and the charge pump
will be switched off. Once the junction temperature cools down to its normal operating condition the IC will re-start automatically.
Ordering Information
PAM8904Q X X X
J: U-QFN3030
E: 16 Pin
R: Tape & Reel
Device
Package
Code
Package Type
(Notes 6 & 7)
7” Tape and Reel
Qualification
(Note 8)
Quantity
Part Number Suffix
PAM8904QJER
J
U-QFN3030-16 (Type B)
3,000/Tape & Reel
R
Automotive Compliant
Notes:
6.
Pad layout shown at http://www.diodes.com/package-outlines.html.
7.
For Tape and reel information see http://www.diodes.com/_files/datasheets/ap02007.pdf.
8.
PAM8904Q has been qualified to AEC-
Q100 grade 2 and is classified as “Automotive Compliant” supporting PPAP documentation. Automotive, AEC-
Q100 and standard products are electrically and thermally the same, except where specified.
For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
See PAM8904 datasheet for commercial qualified versions.
Marking Information
U-QFN3030-16 (Type B)
(Top View)
Package Type
Pin Configuration
Shipping Package
P8904Q
XXXYW
P8904Q: Product Code
X: Internal Code
Y: Year 0-9
W: Week: A~Z: 1~26 weeks;
a~z: 27~52 weeks;
z represents 52 and 53 weeks



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com