Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC1505 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRFIC1505
Description  MRFIC1505/MRFIC1505A Integrated GPS Downconverter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFIC1505 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRFIC1505 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFIC1505 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFIC1505 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFIC1505 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFIC1505 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFIC1505 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFIC1505 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFIC1505 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Freescale Semiconductor
Maximum Ratings
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
5.0
Vdc
DC Supply Current
IDD
60
mA
Operating Ambient Temperature
TA
–40 to 85
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Lead Soldering Temperature Range
–
260
°C
Note: Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics tables.
Electrical Characteristics (VCC = 2.7 to 3.3 V; TA = –40 to 85
°C; Enable = 2.7 V unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Total Device
Supply Voltage
VCC
2.7
3.0
3.3
V
Supply Current
(TA = 25
°C, VCC = 2.7 V, Enable = 2.7V)
ICC
–28
36
mA
Supply Current
(TA = 25
°C, VCC = 2.7 V, Enable = 2.7V)
ICC
–2.0
4.0
mA
RF Amplifier
RF Input Frequency
fin
–
1575.42
–
MHz
Input Impedance
Zin
–50
–
Ω
Input VSWR
VSWRin
–2.0
–
–
Gain
G13
15
–
dB
Noise Figure
NF
–
2.0
–
dB
1.0 dB Compression (Measured at Output)
P1dB
–1.0
–
dBm
First Mixer
Input Frequency
fin
–
1575.42
–
MHz
Gain
G10
14
–
dB
Noise Figure
NF
–
13
–
dB
1.0 dB compression (Measured at Output)
P1dB
–-13
–
dBm
First Local Oscillator Frequency
fLO1
–
1636.8
–
MHz
First Intermediate Frequenc
fIF1
–
61.38
–
MHz
LO Leakage at IF Port
–
–
-40
–
dBm
LO Leakage at RF Port
–
–
-50
–
dBm
Output Impedance
Zout
–50
–
Ω
First IF Amplifier and Second Mixer
Input Frequency
fin
–
61.38
–
MHz
Input Impedance
Zin
–
230
–
Ω
Output Impedance
Zout
–50
–
Ω
Second Local Oscillator Frequency
fLO2
–
65.47
–
MHz
Second Intermediate Frequency
fIF2
–
4.092
–
MHz
LO Leakage at IF Port
–
–
-40
–
dBm
Gain
G40
43
–
dB
Cascaded Noise Figure
NF
–
9.3
–
dB
1.0 dB Compression Point (Measured at Output)
P1dB
–-13
–
dBm
Limiting Amplifier
Second Intermediate Frequency
fIF2
–
4.092
–
MHz
Input Signal Level
–
4.0
11
31
Mv
Output Voltage Swing (into 10 pf ll100 k
Ω
Vout
800
–
–
mVpp
DC Output Level
–
–
1.4
–
V
Gain
G–
50
–
dB
Reference Oscillator
Reference Frequency
fr
–
16.368
–
MHz
Reference Frequency Input Level (Crystal Output Pin)
–
–
500
–
mVpp



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com