Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1MDF Datasheet(PDF) 2 Page - Diodes Incorporated

Part # S1MDF
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1MDF Datasheet(HTML) 2 Page - Diodes Incorporated

  S1MDF Datasheet HTML 1Page - Diodes Incorporated S1MDF Datasheet HTML 2Page - Diodes Incorporated S1MDF Datasheet HTML 3Page - Diodes Incorporated S1MDF Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1MDF
Document number: DS37914 Rev. 3 - 2
2 of 4
www.diodes.com
June 2016
© Diodes Incorporated
S1MDF
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
1,000
V
RMS Reverse Voltage
VR(RMS)
700
V
Average Rectified Output Current
@ TA = +100°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 7)
RθJT
34
°C/W
Typical Thermal Resistance, Junction to Air (Note 7)
RθJA
88
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 5)
V(BR)R
1,000


V
IR = 5µA
Forward Voltage
VF
0.94
0.84
1.1
V
IF = 1A, TJ = +25°C
IF = 1A, TJ = +125°C
Reverse Leakage Current (Note 5)
IR

0.11
0.004
5
µA
mA
VR = 1,000V, TJ = +25°C
VR = 1,000V, TJ = +125°C
Total Capacitance
CT

6
pF
VR = 4VDC, f = 1MHz
Notes:
5. Short duration pulse test used to minimize self-heating effect.
6. Device mounted on FR-4 substrate, 1" x 1", 2oz., single-sided, PC boards with 0.1" x 0.15" copper pads.
7. Device mounted on FR-4 substrate, 0.4" x 0.5", 2oz., single-sided, PC boards with 0.2" x 0.25" copper pads.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
25
50
75
100
125
150
Note 6
Note 7
Figure 1 DC Forward Current Derating
T , AMBIENT TEMPERATURE ( C)
A
°
0.01
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
V , FORWARD VOLTAGE (V)
F
Figure 2 Instantaneous Forward Voltage
T = 125°C
A
T = 150°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 100°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com