Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1MDFQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # S1MDFQ
Description  1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S1MDFQ Datasheet(HTML) 3 Page - Diodes Incorporated

  S1MDFQ Datasheet HTML 1Page - Diodes Incorporated S1MDFQ Datasheet HTML 2Page - Diodes Incorporated S1MDFQ Datasheet HTML 3Page - Diodes Incorporated S1MDFQ Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S1MDFQ
Document number: DS38658 Rev. 2 - 2
3 of 4
www.diodes.com
May 2016
© Diodes Incorporated
S1MDFQ
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
.
0
10
20
30
40
1
10
100
V , NUMBER OF CYCLES AT 60Hz
F
Figure 3 Forward Surge Current Derating Curve
T = 150°C
j
Single Half Sine-Wave
0.0001
0.001
0.01
0.1
1
10
100
0 100 200 300 400 500 600 700 800 900 1000 1100
Figure 4 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 150°C
A
T = 125°C
A
T = 100°C
A
T = 85°C
A
T = -55°C
A
T = 25°C
A
0
10
20
30
40
50
0.1
1
10
100
f = 1MHz
Figure 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.5
1
1.5
2
Figure 6 Forward Power Dissipation
IF
, AVERAGE FORWARD CURRENT(A)
(AV)
T = 150°C
j
D-FLAT
Dim
Min
Max
A
0.90
1.10
b
1.25
1.65
c
0.10
0.40
D
2.25
2.95
E
3.95
4.60
k
2.80
-
HE
5.00
5.60
L
0.50
1.30
All Dimensions in mm
H
D
E
L
b
A
c
E
k



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com