Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2KDFQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # S2KDFQ
Description  2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

S2KDFQ Datasheet(HTML) 3 Page - Diodes Incorporated

  S2KDFQ Datasheet HTML 1Page - Diodes Incorporated S2KDFQ Datasheet HTML 2Page - Diodes Incorporated S2KDFQ Datasheet HTML 3Page - Diodes Incorporated S2KDFQ Datasheet HTML 4Page - Diodes Incorporated S2KDFQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S2KDFQ
Document number: DS38754 Rev. 2 - 2
3 of 5
www.diodes.com
June 2016
© Diodes Incorporated
S2KDFQ
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
Figure 1 DC Forward Current Derating
T , AMBIENT TEMPERATURE ( C)
A
°
Note 6
Note 7
0.01
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 150°C
A
T = 125°C
A
T = 100°C
A
T =85°C
A
T = 25°C
A
T = -55°C
A
Figure 2 DC Forward Current Derating
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60Hz
Figure 3 Maximum Non-Repetitive Surge Current
8.3ms Single Half Sine-Wave
60
50
0.0001
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
600
700
800
Figure 4 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 150°C
A
T = 125°C
A
T = 100°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
10
20
30
40
50
0.1
1
10
100
Figure 5 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0
0.5
1
1.5
2
2.5
T = 150°C
J
IF
, AVERAGE FORWARD CURRENT (A)
(AV)
Figure 6 Forward Power Dissipation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com