Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV182CG/DPAS Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MV182CG/DPAS
Description  Video Programme Delivery Control Interface Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MV182CG/DPAS Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MV182CG/DPAS Datasheet HTML 1Page - Mitel Networks Corporation MV182CG/DPAS Datasheet HTML 2Page - Mitel Networks Corporation MV182CG/DPAS Datasheet HTML 3Page - Mitel Networks Corporation MV182CG/DPAS Datasheet HTML 4Page - Mitel Networks Corporation MV182CG/DPAS Datasheet HTML 5Page - Mitel Networks Corporation MV182CG/DPAS Datasheet HTML 6Page - Mitel Networks Corporation MV182CG/DPAS Datasheet HTML 7Page - Mitel Networks Corporation MV182CG/DPAS Datasheet HTML 8Page - Mitel Networks Corporation MV182CG/DPAS Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MV1820
2
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated)
Tamb = 0 to 70˚C, VDD = 5V
± 10%
Supply voltage
Supply current
Video input
Video amplitude
Source impedance
TCR input
External resistance
BLC and WLC
Capacitor value
Capacitor tolerance
Effective series resistance
DATA I/O and SYNC I/O
Output voltage High
Output voltage Low
Input voltage Low
Input voltage High
Input current
EXT/INT
Input voltage Low
Input voltage High
Input current Low
Input current High
AS
Input voltage Low
Input voltage High
Input current Low
Input current High
XTI Input
Input current Low
Input current High
XTO Output
Output voltage High
Output voltage Low
Frequency
12
12
5
7
3 & 4
9 & 10
2
8
16
15
4.5
0.8
4.7
-10%
VDD-1.0
0
VDD-1.0
-30
0
VDD-1.0
-10
22
0
VDD-1.0
-10
22
-0.5
0.5
VDD-1.0
5.0
20
1.8
4.7
10
4.5
0.2
50
50
-5.0
5.0
4.5
0.2
27.750
5.5
25
3.0
250
200
+10%
5
0.4
0.8
VDD
+30
0.8
VDD
+10
220
1.0
VDD
+10
220
-20
20
0.4
V
mA
Vpp
Ω
k
Ω
nF
Ω
V
V
V
V
µA
V
V
µA
µA
V
V
µA
µA
µA
µA
V
V
MHz
Bottom of sync to white (pk to pk)
Connected to VDD
Connected to GND
1MHz
IOH = -1.2mA
IOL = 2.4mA
VIN = VSS or VDD
100k (nom) pull-down resistor
VIN = VSS
VIN = VDD
100k (nom) pull-down resistor
VIN = VSS
VIN = VDD
-0.3<VIN<VIL max
VIHmin<VIN<(VDD + 0.3)
IOH = -1.0mA
IOL = 2.0mA
±100ppm
Characteristic
Pin
Min
Typ
Max
Value
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com