Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA1632 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1632
Description  High-Perfomance, Fully-Differential AUDIO OP AMP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1632 Datasheet(HTML) 1 Page - Texas Instruments

  OPA1632 Datasheet HTML 1Page - Texas Instruments OPA1632 Datasheet HTML 2Page - Texas Instruments OPA1632 Datasheet HTML 3Page - Texas Instruments OPA1632 Datasheet HTML 4Page - Texas Instruments OPA1632 Datasheet HTML 5Page - Texas Instruments OPA1632 Datasheet HTML 6Page - Texas Instruments OPA1632 Datasheet HTML 7Page - Texas Instruments OPA1632 Datasheet HTML 8Page - Texas Instruments OPA1632 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FEATURES
D SUPERIOR SOUND QUALITY
D ULTRA LOW DISTORTION: 0.000022%
D LOW NOISE: 1.3nV/√Hz
D HIGH SPEED:
− Slew Rate: 50V/
µs
− Gain Bandwidth: 180MHz
D FULLY DIFFERENTIAL ARCHITECTURE:
− Balanced Input and Output Converts
Single-Ended Input to
Balanced
Differential Output
D WIDE SUPPLY RANGE: ±2.5V to ±16V
D SHUTDOWN TO CONSERVE POWER
APPLICATIONS
D AUDIO ADC DRIVER
D BALANCED LINE DRIVER
D BALANCED RECEIVER
D ACTIVE FILTER
D PREAMPLIFIER
DESCRIPTION
The OPA1632 is a fully-differential amplifier designed
for driving high-performance audio analog-to-digital
converters (ADCs). It provides the highest audio quality,
with very low noise and output drive characteristics
optimized for this application. The OPA1632’s excellent
gain bandwidth of 180MHz and very fast slew rate of
50V/
µs produce exceptionally low distortion. Very low
input noise of 1.3nV/
√Hz further ensures maximum
signal-to-noise ratio and dynamic range.
The flexibility of the fully differential architecture allows
for
easy
implementation
of
a
single-ended
to
fully-differential output conversion. Differential output
reduces
even-order
harmonics
and
minimizes
common-mode noise interference. The OPA1632
provides excellent performance when used to drive
high-performance audio ADCs such as the PCM1804.
A shutdown feature also enhances the flexibility of this
amplifier.
The OPA1632 is available in an SO-8 package and a
thermally-enhanced MSOP-8 PowerPAD package.
RELATED DEVICES
OPAx134
High-Performance Audio Amplifiers
OPA627/637
Precision High-Speed DiFET Amplifiers
OPAx227/x228
Low-Noise Bipolar Amplifiers
Typical ADC Circuit
THD + NOISE vs FREQUENCY
1000
10
100
10k
100k
Frequency (Hz)
0.001
0.0001
0.00001
Gain = +1
R
F = 348Ω
V
O =3Vrms
Differential I/O
R
L =600Ω
R
L =2kΩ
+15V
Digital
Output
−15V
V
OCM
V
COM
V
IN+
V
IN
−
V
IN−
V
IN+
PowerPAD is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.
OPA1632
SBOS286 − DECEMBER 2003
High-Perfomance, Fully-Differential
AUDIO OP AMP
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA1632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632 TI-OPA1632 Datasheet
535Kb / 15P
High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632 BURR-BROWN-OPA1632 Datasheet
494Kb / 16P
High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632 TI1-OPA1632 Datasheet
1Mb / 30P
High-Performance, Fully-Differential Audio Operational Amplifier
OPA1632D TI-OPA1632D Datasheet
535Kb / 15P
High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632D BURR-BROWN-OPA1632D Datasheet
494Kb / 16P
High-Performance, Fully-Differential AUDIO OP AMP
More results

Similar Description - OPA1632

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
Texas Instruments
OPA1632 TI-OPA1632_07 Datasheet
535Kb / 15P
High-Performance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632 BURR-BROWN-OPA1632 Datasheet
494Kb / 16P
High-Performance, Fully-Differential AUDIO OP AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
Differential, High Speed Op Amp
November 29, 2011
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
LMH6551 Differential, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com