Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591S-VPC Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S-VPC
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S-VPC Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button PC87591S-VPC Datasheet HTML 45Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 46Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 47Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 48Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 49Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 50Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 51Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 52Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
Revision 1.07
49
www.national.com
2.2.8
Interrupt and Wake-Up Inputs (ICU and MIWU)
2.2.9
Power and Ground
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
EXWINT20
EXWINT21
EXWINT22
EXWINT23
EXWINT24
EXWINT40
EXWINT45
EXWINT46
22
23
128
2
24
34
20
21
26
29
172
176
30
44
24
25
IINTS
VCC External Wake-up/Interrupt Inputs. Fed into
the Multi-Input Wake-up Unit (MIWU) for wake-
up or interrupt. Can be used as external
source for wake-up or interrupt. For details on
interrupt and wake-up event assignment, see
Table 17 on page 105.
PFAIL
123
165
I
INCS
VCC Power Fail. Non-maskable external interrupt
source. This assigned interrupt is non-
maskable only after being enabled by software
after reset.
SWIN
4
2
I
INCS
VCC Power Switch Input. Indicates a user request
to turn the power on or off. This signal is
connected to the Multi-Input Wake-up Unit
(MIWU) for wake-up of the core domain and
interrupt generation to the core for handling.
For details on interrupt and wake-up event
assignment, see Table 17 on page 105.
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description
AGND
72
96
I
GND
Analog Ground. Used as ground for the Analog
to Digital Converter (ADC) and the Digital to
Analog Converter (DAC).
AVCC
71
95
I
PWR
Analog 3.3V Power supply. Used as power
supply for the Analog to Digital Converter (ADC)
and the Digital to Analog Converter (DAC).
GND
15, 36,
90,
101,
117
17, 35,
46,122,
137,
159,167
I
GND
Ground. Serves for both on-chip logic, output
drivers and back-up battery circuit. See “Power
Connection and Layout Guidelines” on page 63
for details on connections with AGND.
VBAT
119
161
I
INULR
Battery Power Supply. Provides battery backup
to the Mobile System Wake-Up Control registers,
to the RTC and to the 32 KHz crystal oscillator
when VCC is lost. The pin is connected to the
internal logic through a series resistor for UL
protection.
VCC
35,
91,100,
115
34, 45,
123,136,
157,166
I
PWR
Standby Digital 3.3V Power Supply. Used for
all core-domain digital logic and all associated
I/O pins.
VDD
14
16
I
PWR
Digital 3.3V Power Supply. Serves as power
supply for the LPC interface and some of the
host-controlled functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com