Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3500E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3500E
Description  Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3500E Datasheet(HTML) 2 Page - Texas Instruments

  PCM3500E Datasheet HTML 1Page - Texas Instruments PCM3500E Datasheet HTML 2Page - Texas Instruments PCM3500E Datasheet HTML 3Page - Texas Instruments PCM3500E Datasheet HTML 4Page - Texas Instruments PCM3500E Datasheet HTML 5Page - Texas Instruments PCM3500E Datasheet HTML 6Page - Texas Instruments PCM3500E Datasheet HTML 7Page - Texas Instruments PCM3500E Datasheet HTML 8Page - Texas Instruments PCM3500E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
®
2
PCM3500
SPECIFICATIONS
All specifications at +25
°C, V
DD = VCC = 3.3V, fS = 8kHz, and nominal system clock (XTI) = 512fS, unless otherwise noted. Measurement band is 100Hz to 0.425fS.
NOTES: (1) Pins 6, 7, 8, 9, 10, 15, 17, 18, 19, 20 (M/S, TSC, BCK, FS, DIN, SCKIO, XTI, HPFD, LOOP, PDWN). (2) Pins 8, 9, 10, 15, 17 (BCK, FS, DIN, SCKIO
(Schmitt-Trigger input) XTI. (3) Pins 6, 7, 18, 19, 20 (M/S, TSC, HPFD, LOOP, PDWN; Schmitt-Trigger input with internal pull-down). (4) Pins 8, 9, 11, 12, 15,
16 (BCK, FS, DOUT, FSO, SCKIO, XTO).
PCM3500E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
16
Bits
DATA FORMAT
Serial Data Interface Format
DSP Format
Serial Data Bit Length
16
Bits
Serial Data Format
Sampling Frequency, fS
ADC and DAC
7.2
8
26
kHz
System Clock Frequency, 512fS
3.686
4.096
13.312
MHz
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Input Logic Level: VIH(1)
0.7 • VDD
VDC
VIL(1)
0.3 • VDD
VDC
Input Logic Current: IIN(2)
±1
µA
IIN(3)
100
µA
Output Logic Level: VOH(4)
IOUT = –1mA
VDD – 0.3
VDC
VOL(4)
IOUT = +1mA
0.3
VDC
ADC CHARACTERISTICS
DC ACCURACY
Input Voltage
0.6 VCC
Vp-p
Gain Error
±2
±5
% of FSR
Offset Error
High-Pass Filter Disabled
±2
% of FSR
Input Resistance
50
k
Ω
AC ACCURACY
THD+N
fIN = 1kHz, VIN = –0.5dB
–85
–80
dB
Dynamic Range
Without A-Weighting
82
88
dB
Signal-to-Noise Ratio
Without A-Weighting
82
88
dB
Crosstalk
DAC Channel Idle, 0dB Input
80
85
dB
Passband Ripple (internal HPF enabled)
0.0002fS to 0.425fS
±0.05
dB
Passband Ripple (internal HPF disabled)
0fS to 0.425fS
±0.05
dB
Roll-Off at 0.00002fS
High-Pass Filter Enabled
–3
dB
Roll-Off at 0.56fS
High-Pass Filter Enabled
–30
dB
Stopband Rejection
0.58fS to fS
–65
dB
Group Delay
18/fS
4m
sec
DAC CHARACTERISTICS
DC ACCURACY
Output Voltage
0.6 VCC
Vp-p
Gain Error
±1
±5
% of FSR
Offset Error
High Pass Filter Disabled
±1
% of FSR
Load Resistance
10
k
Ω
AC ACCURACY
THD+N
fIN = 1kHz, VOUT = 0dB
–90
–82
dB
Dynamic Range
Without A-Weighted
84
92
dB
Signal-to-Noise Ratio
Without A-Weighted
84
92
dB
Crosstalk
ADC Channel Idle, 0dB Input
84
92
dB
Passband Ripple
0fS to 0.425fS
±0.4
dB
Group Delay
12/fS
4m
sec
POWER SUPPLY REQUIREMENTS
Voltage Range
VCC, VDD
2.7
3.3
3.6
VDC
Supply Current, ICC + IDD
VCC = 3.3V
9
12
mA
Total Supply Current in Power-Down Mode
VCC = VDD = 3.3V, XTI Stopped
60
µA
Total Power Dissipation
VCC = VDD = 3.3V
30
40
mW
TEMPERATURE RANGE
Operating
–25
+85
°C
Storage
–55
+125
°C
Thermal Resistance,
Θ
JA
100
°C/W
MSB-First, Binary Two’s Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com