Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L-VPC Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L-VPC
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L-VPC Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button PC87591L-VPC Datasheet HTML 32Page - National Semiconductor (TI) PC87591L-VPC Datasheet HTML 33Page - National Semiconductor (TI) PC87591L-VPC Datasheet HTML 34Page - National Semiconductor (TI) PC87591L-VPC Datasheet HTML 35Page - National Semiconductor (TI) PC87591L-VPC Datasheet HTML 36Page - National Semiconductor (TI) PC87591L-VPC Datasheet HTML 37Page - National Semiconductor (TI) PC87591L-VPC Datasheet HTML 38Page - National Semiconductor (TI) PC87591L-VPC Datasheet HTML 39Page - National Semiconductor (TI) PC87591L-VPC Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 437 page
background image
1.0 Introduction (Continued)
www.national.com
36
Revision 1.07
Accessing Expansion Memory
Expansion Memory Configuration is available in PC87591x versions packed in 176-pin packages. Access to it is enabled
only after:
●
The pins used for the memory interface are configured to operate as Expansion Memory interface signals (see
Section 2.4 on page 54 for details on the alternate functions configuration).
●
The BIU Zone 0 Configuration register (SZCFG0), which controls the memory access parameters (e.g., bus width and
access time), is set to support the configuration in use.
The interface signals to the Expansion Memory are:
●
8-bit flash or SRAM: SEL0, RD, WR0, D0-7 and A0-19 (fewer address lines may be used with a smaller flash).
●
16-bit flash or SRAM: SEL0, RD, WR0-1, D0-15 and A1-19 (fewer address lines may be used with a smaller flash).
Figure 8 shows the External Memory Address Range mapping to the core, in the PC87591E and PC87591S devices.
Figure 9 shows the External Memory Address Range mapping to the core in the PC87591L device. Note that in PC87591L
devices, the External Memory is aliased to low addresses of the core address space, enabling access to memory locations
in the flash from both an address in the low memory and an address in the upper part of the memory.
0
4 K
64 K
Off-Chip Base Memory
On-Chip Base Memory
Figure 7. Base Memory Address Mapping - PC87591L
4 K
Core Address Map
00 0000
00 0FFF
Zone 1
Access Time
Control
PC87591L
Flash Size
2 M
1 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com