Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM3500E/2K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3500E/2K
Description  Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3500E/2K Datasheet(HTML) 5 Page - Texas Instruments

  PCM3500E/2K Datasheet HTML 1Page - Texas Instruments PCM3500E/2K Datasheet HTML 2Page - Texas Instruments PCM3500E/2K Datasheet HTML 3Page - Texas Instruments PCM3500E/2K Datasheet HTML 4Page - Texas Instruments PCM3500E/2K Datasheet HTML 5Page - Texas Instruments PCM3500E/2K Datasheet HTML 6Page - Texas Instruments PCM3500E/2K Datasheet HTML 7Page - Texas Instruments PCM3500E/2K Datasheet HTML 8Page - Texas Instruments PCM3500E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
®
5
PCM3500
TYPICAL PERFORMANCE CURVES
INTERPOLATION FILTER
PASSBAND RIPPLE CHARACTERISTICS
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
0
0.1
0.2
0.3
0.4
0.5
Normalized Frequency (• f
S Hz)
OUTPUT FILTER FREQUENCY RESPONSE
STOPBAND CHARACTERISTICS
Frequency (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100
1k
10k
100k
1M
10M
ANALOG FILTER
OUTPUT FILTER FREQUENCY RESPONSE
PASSBAND CHARACTERISTICS
Frequency (Hz)
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
100
10
1
1k
10k
100k
DAC SECTION
DIGITAL FILTER
INTERPOLATION FILTER FREQUENCY RESPONSE
Normalized Frequency (• f
S)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
1
23
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com