Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-9000 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # RAM-9000
Description  High-Density I/O RTUs with GPS and Local Control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RAM-9000 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  RAM-9000 Datasheet HTML 1Page - Red Lion Controls. Inc RAM-9000 Datasheet HTML 2Page - Red Lion Controls. Inc RAM-9000 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RAM® 9000 Industrial Cellular RTUs
Sixnet® Networking Series
High-Density I/O RTUs with GPS and Local Control
Red Lion’s Sixnet® series RAM® 9000 high-density I/O cellular
RTUs with multi-carrier 4G LTE support provide advanced
control and communication for monitoring and controlling
remote assets and processes in extreme conditions.
RAM 9000 industrial cellular RTUs seamlessly connect Modbus and DNP3 enabled SCADA
equipment via software selectable multi-carrier 4G LTE with fallback to 3G networks. Featuring a
web-based event engine that can trigger built-in I/O or send SMS text messages based on real-time
operational data, RAM cellular RTUs can perform advanced control at the edge and alert personnel
of critical events. A built-in I/O concentrator allows the RAM to collect local sensor data from on-
board I/O or external equipment and can optimize cellular bandwidth by optionally reporting only
on an exception. With built-in Ethernet, serial, digital and analog I/O and GPS, RAM RTUs easily
integrate with existing equipment enabling remote monitoring and control for M2M applications in
industries including oil and gas, water/wastewater, utility, transportation and mining.
C
US
UL
R
LISTED
compliant
FEATURES & BENEFITS
> On-Board High-Density I/O
• 2 digital inputs, 2 digital outputs, 3 analog inputs and 1
form c relay reduce the need for external I/O devices
• Built-in I/O concentrator
> Multiple Communication Ports
• RS-232 and RS-485 provides seamless connectivity
to remote devices
• Native Modbus and DNP3 Support
> Rugged, Industrial Design
• Reliable operation in rugged environments
• -40° to 75°C operating temperature*
> IEEE802.11b/g/n Wi-Fi Compliant - Access Point
• Supports local access to communicate with
network assets
• Configure and update firmware without physically
connecting to RAM
> Secure Ethernet Connectivity
• Routing capabilities for reliable communication
• Stateful firewall, SSL, GRE and VPN services and deep
packet inspection reduce the risk of unwanted access
> Advanced RTU Functionality
• Configurable control engine with drop-down menus
• Powerful data logging of I/O registers to SD Card or
internal storage
PRODUCT HIGHLIGHTS
> High-Performance Multi-Carrier 4G LTE Connectivity
> Built-in I/O Lowers Total System Cost
> Multiple Communication Ports
> Powerful data logging for process analysis
> Routing Capabilities Provide Secure,
Reliable Communication
> Event Engine that can Send SMS Messages or
Control I/O Based on Operational Data
APPLICATIONS
> Mining
> Oil & Gas
> Transportation
> Utility
> Water/Wastewater


Similar Part No. - RAM-9000

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAM-0505S RECOM-RAM-0505S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
Mini-Circuits
RAM-1 MINI-RAM-1 Datasheet
198Kb / 4P
Monolithic Amplifier
logo
Recom International Pow...
RAM-1205S RECOM-RAM-1205S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
SUN HOLD ELECTRIC INC
RAM-1A-10 SUNHOLD-RAM-1A-10 Datasheet
808Kb / 2P
RAM SERIES
RAM-1A-12 SUNHOLD-RAM-1A-12 Datasheet
808Kb / 2P
RAM SERIES
More results

Similar Description - RAM-9000

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DX30AJ-26P-CP3 HIROSE-DX30AJ-26P-CP3 Datasheet
1Mb / 9P
DX SERIES HIGH-DENSITY I/O CONNECTORS
DX30M-50-CV HIROSE-DX30M-50-CV Datasheet
1Mb / 10P
DXM SERIES HIGH-DENSITY I/O CONNECTOR
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
Notebook I/O Controller with Enhanced Keyboard and System Control
PCI-8056 ETC2-PCI-8056 Datasheet
63Kb / 2P
High Density, Isolated 32 D/I and 24 D/O Board
logo
Hirose Electric
DX30AM-50P HIROSE-DX30AM-50P Datasheet
1Mb / 18P
HIGH-DENSITY I/O CONNECTOR
logo
Red Lion Controls. Inc
E3_IO REDLION-E3_IO Datasheet
636Kb / 3P
Rugged High-Density I/O Modules
RAM-6000_LTE REDLION-RAM-6000_LTE Datasheet
503Kb / 3P
Multi-Carrier RTUs with GPS and Local Control
logo
IDEC Corporation
FC4A-J8C1 IDEC-FC4A-J8C1 Datasheet
212Kb / 2P
PLC High Density Analog I/O Module
logo
NHP Electrical Engineer...
1794-CE1 NHP-1794-CE1 Datasheet
495Kb / 1P
FLEX I/O EXTENDED LOCAL I/O CABLE 0.3M
7 June 2023,
1794-CE3 NHP-1794-CE3 Datasheet
496Kb / 1P
FLEX I/O EXTENDED LOCAL I/O CABLE 0.9M
7 June 2023,
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com