Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-9911 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # RAM-9911
Description  High-Density I/O RTUs with GPS and Local Control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RAM-9911 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  RAM-9911 Datasheet HTML 1Page - Red Lion Controls. Inc RAM-9911 Datasheet HTML 2Page - Red Lion Controls. Inc RAM-9911 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WIRELESS INTERFACE
AT&T LTE with fallback to HSPA+
Generic LTE with fallback to HSPA+
Verizon LTE with fallback to EVDO
Verizon DMNR/NEMO compliance
PROGRAMMABLE PLATFORM
Configurable Events: Up to 99 events can be triggered by I/O,
Modbus registers, or over 200 system variable which in turn
can send text messages or control I/O
Software Development Kit (SDK)
C/C++/Perl
PROTOCOL GATEWAY
I/O controller
Modbus RTU/TCP/ASCII
DNP3 Slave
SYSTEM PERFORMANCE
32-bit ARM9 400 MHz CPU
512 MB NAND Memory
128 MB RAM
TUNNELING
IPsec, GRE, OpenVPN
IP
NAT, port forwarding, dynamic DNS, DHCP
Stateful inspection firewall, IP transparency
ROUTING PROTOCOLS
OSPF, BGP, RIP
CLUSTERING
VRRP
GPS
GNSS Supported: GPS L1, GLONASS L1, Galileo E1
high RF sensitivity plus jamming detection/removal
CONNECTORS
Ethernet: Two (2) 10/100Base-T RJ-45 ports
WAN capability on ETH0
Serial: One (1) RS-232 (DB9) 115200bps
One (1) RS-485 (screw block)115200bps
USB: One (1) USB 2.0 (mini)
Antennas: Three (3) SMA connectors (antenna, diversity, GPS)
One (1) RP-SMA connector (Wi-Fi optional)
RAM 9000 LTE Multi-Carrier Specifications
INPUTS & OUTPUTS*
2 Digital Inputs
2 Digital Outputs
3 Analog Inputs
1 Form C Relay
WI-FI INTERFACE (OPTIONAL)
Complies with IEEE802.11b/g/n
Wireless Operation: Access Point
Maximum output power up to 25dBm
Supports up to 150Mbps with 40MHz channel
POWER INPUT
Range: 8-30 VDC (12 or 24 VDC nominal)
Power Consumption: (less DO power)
Standby: 4W (all models)
Transmitting:
·9X11: 5.0W – 9.4W (cellular only)
·9X31: 5.0W – 13.6W (cellular and Wi-Fi)
Power Consumption of DO: (max. each)
30 W (1A at 30 VDC)
Heat Dissipation: 46 BTU/hour max
MECHANICAL
Dimensions: 132H x 127D x 70W mm (5.2” x 5.00” x 2.75”)
Material: Steel with black zinc coating
Weight: 906 g (2 lbs)
ENVIRONMENTAL
Operating Temperature: -40° to +75°C*
Shock: IEC60068-2-27
Vibration: IEC60068-2-6
Humidity: 5 to 95% non-condensing
Ingress: IP30 protection
CERTIFICATION
EMI/EMC:
Emissions: FCC, Part 15 and Industry Canada, ICES-003; Class A;
EN55022, IEC61000-6-4
Immunity: IEC61000-6-2 (EN61000-4-2,3,4,5,6,8)
Hazardous Locations: Class I, Div. 2, Groups A, B, C, D, ISA 12.12.01
ATEX – EN60079-0, -15 (Zone 2, Category 3) CE
Electrical Safety: UL508/CSA22.2/14 (CUL); IEC61010-1
Carrier Specific Approvals (Contact Red Lion for latest)
RoHS compliant
WARRANTY
3 years on design and manufacturing defects
* See Hardware Manual for thermal considerations.
DIMENSIONS In inches (cm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com