Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-6901 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # RAM-6901
Description  Multi-Carrier RTUs with GPS and Local Control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RAM-6901 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  RAM-6901 Datasheet HTML 1Page - Red Lion Controls. Inc RAM-6901 Datasheet HTML 2Page - Red Lion Controls. Inc RAM-6901 Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RAM® 6000 Cellular RTUs
Sixnet® Networking Series
Multi-Carrier RTUs with GPS and Local Control
Red Lion’s Sixnet series RAM 6000 cellular RTUs with
multi-carrier 4G LTE support, provide advanced control
and communication for monitoring and controlling
remote assets and processes in extreme conditions.
RAM 6000 industrial cellular RTUs seamlessly connect Modbus and DNP3 enabled SCADA
equipment via software selectable multi-carrier 4G LTE connectivity with fallback to 3G
networks. Featuring a web-based event engine that can trigger I/O or send SMS text
messages based on real-time operational data, RAM cellular RTUs can perform advanced
local edge control and alert personnel of critical events. A built-in I/O concentrator allows the
RAM to collect local sensor data and can optimize cellular bandwidth by optionally reporting
only on an exception. With built-in Ethernet, serial, I/O and GPS, RAM RTUs easily integrate
with existing equipment enabling remote monitoring and control for M2M applications in
industries including oil and gas, water/wastewater, utility, transportation and mining.
C
US
UL
R
LISTED
compliant
PRODUCT HIGHLIGHTS
> Multi-Carrier 4G LTE Connectivity
> Natively Supports Modbus & DNP3 Protocols
> Multiple Communication Ports
> Routing Capabilities Provide Secure,
Reliable Communication
> Active GPS Receiver Tracks Device Location
> Event Engine can Trigger I/O or Send SMS Messages
> Optional PoE (Powered Device) Support
APPLICATIONS
> Mining
> Oil & Gas
> Transportation
> Utility
> Water/Wastewater
FEATURES & BENEFITS
> Multi-Carrier 4G LTE Connectivity
• Select the best carrier during or post deployment
via software configuration
> Multiple Communication Ports
• One RS-232 serial port, and up to five Ethernet ports
provide seamless connectivity to remote devices
> Rugged, Industrial Design
• Reliable operation in extreme environments
• -40° to 75°C operating temperature*
> Modbus and DNP3 Support
• Easily communicates with SCADA equipment with
native protocols
> Out-Of Band Management (OOBM)
• Secure remote CLI access via serial port
• Pre-loaded with many console port configurations
> Secure Ethernet Connectivity
• Routing capabilities for reliable communication
• Stateful firewall, SSL, GRE and VPN services reduce
the risk of unwanted access
> Advanced Event Engine Functionality
• Easily configure control engine via drop-down menus
• Trigger I/O, alarms and send SMS messages based
on operational data


Similar Part No. - RAM-6901

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
RAM-6021 REDLION-RAM-6021 Datasheet
435Kb / 2P
Secure Industrial Router
logo
Mini-Circuits
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
Monolithic Amplifier DC-2 GHz
More results

Similar Description - RAM-6901

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NLA-PM100D ETC2-NLA-PM100D Datasheet
145Kb / 2P
Multi-functions Power Monitoring and Control Terminal
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Red Lion Controls. Inc
RAM-9000 REDLION-RAM-9000 Datasheet
452Kb / 3P
High-Density I/O RTUs with GPS and Local Control
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
logo
Advantech Co., Ltd.
EWM-G109H ADVANTECH-EWM-G109H Datasheet
360Kb / 1P
Embedded Multi-GPS
logo
Shenzhen Huazhimei Semi...
HM5107 HMSEMI-HM5107 Datasheet
641Kb / 7P
Multi-function control chip with charge and discharge protection
logo
Texas Instruments
TLIN1021-Q1 TI1-TLIN1021-Q1 Datasheet
1Mb / 41P
TLIN1021-Q1 Local Interconnect Network (LIN) Transceiver with Local Wake and Inhibit
logo
Renesas Technology Corp
F1701 RENESAS-F1701 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
IDTF1751NBGI8 RENESAS-IDTF1751NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
Rev1 December 2013
IDTF1763NBGI8 RENESAS-IDTF1763NBGI8 Datasheet
1Mb / 25P
Ideal for Multi-Carrier Systems
RevO December 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com