Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-6901EB Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # RAM-6901EB
Description  Multi-Carrier RTUs with GPS and Local Control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

RAM-6901EB Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  RAM-6901EB Datasheet HTML 1Page - Red Lion Controls. Inc RAM-6901EB Datasheet HTML 2Page - Red Lion Controls. Inc RAM-6901EB Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RAM 6000 LTE Multi-Carrier Specifications
DIMENSIONS in inches (cm)
WIRELESS INTERFACE
AT&T LTE with fallback to HSPA+
Generic LTE with fallback to HSPA+
Verizon LTE with fallback to EVDO
PROGRAMMABLE PLATFORM
Configurable Events: up to 99 events can be triggered by I/O,
Modbus registers, or over 200 system variable which in turn
can send text messages or control I/O
Software Development Kit (SDK)
C/C++/Perl
SYSTEM PERFORMANCE
32-bit ARM9 400 MHz CPU
512 MB NAND
128 MB RAM
TUNNELING
IPsec, GRE, OpenVPN
Routing Protocols
OSPF, BGP, RIP
Clustering
VRRP
IP
NAT, Port Forwarding, Dynamic DNS, DHCP
Stateful Inspection Firewall, IP Transparency
GPS
GNSS supported: GPS L1, GLONASS L1, Galileo E1 high RF
sensitivity plus jamming detection/removal
Connectors
Ethernet: One (1) or five (5) 10/100Base-T RJ-45 ports
WAN capability on port 5
Serial: One (1) RS-232 (DB9) 115,200bps
USB: One (1) USB 2.0 (mini)
Antennas: Three (3) SMA connectors (antenna, diversity, GPS)
INPUTS & OUTPUTS
Input: One (1) digital/analog
Output: One (1) digital (open-collector)
POWER INPUT
Input Voltage: 8-30 VDC (12 or 24 VDC nominal)
Standby Power: 1.4W - 3.3W (typical)
Transmitting:
690x: 2.6W – 6.9W
6921: 4.3W – 8.7W
PoE Operation (EB models only)
IEEE 802.3af compliant
Powered Device (PD)
PoE Input: 37-57 VDC (48 VDC nominal)
Heat dissipation: 30 BTU/hour max
MECHANICAL
RAM-6x0x
Dimensions: 120 x 96 x 32 mm (4.7” x 3.77” x 1.25”)
Weight: 453g (1 lb)
RAM-6x21
Dimensions:120 x 96 x 51 mm (4.7” x 3.77” x 2.0”)
Weight: 500g (1.1 lbs)
ENVIRONMENTAL
Operating Temperature: -40° to +75°C*
Shock: IEC60068-2-27
Vibration: IEC60068-2-6
Humidity: 5 to 95% non-condensing
Ingress: IP30 protection
CERTIFICATION
EMI/EMC:
Emissions: FCC, Part 15 and Industry Canada, ICES-003; Class A;
EN55022, IEC61000-6-4
Immunity: IEC61000-6-2 (EN61000-4-2,3,4,5,6,8)
Hazardous Locations: Class I, Div. 2, Groups A, B, C, D, ISA 12.12.01
Electrical safety: UL508/CSA22.2/14 (CUL); IEC61010-1
Carrier Specific Approvals
RoHS compliant
WARRANTY
3 years on design and manufacturing defects
* See Hardware Manual for thermal considerations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com