Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-RJF-PLUG-1 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # EB-RJF-PLUG-1
Description  Industrial IP67 Waterproof Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EB-RJF-PLUG-1 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  EB-RJF-PLUG-1 Datasheet HTML 1Page - Red Lion Controls. Inc EB-RJF-PLUG-1 Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Use the EB-RJF industrial Ethernet connectors
and plugs to make ultra-rugged and reliable
connections indoors or outdoors that are water,
corrosion and vibration proof.
EB-RJF Waterproof Ethernet Connectors
Sixnet Networking Series
Industrial IP67 Waterproof Connectors
The EB-RJF-BLKHD industrial bulkhead (through-wall) connector gives you
a watertight pass-through Ethernet connection. The mating EBRJF-PLUG
industrial Ethernet plug is field installable around a standard RJ45 Ethernet
connector. These rugged connectors and plugs are the perfect match for
the Etherbus Kevlar-reinforced super-rugged Ethernet cabling.
PRODUCT HIGHLIGHTS
> IP67 (NEMA 6) rated to protect against fluids (water, oil,
etc.) and dust
> Shock, vibration and traction (pulling) resistant
> Strain relief prevents cable breaks
> Circular reverse-bayonet (1/4-turn) for the quickest and
easiest latching – saves time!
> Field-installable plugs – No tools required!
> Fits over standard Ethernet cables
> Truly industrial rated for any application
ORDERING GUIDE
PART NUMBER
DESCRIPTION
EB-RJF-BLKHD-1
IP67 quick-latching (1/4 turn) bulk-head (through-wall) connector
EB-RJF-PLUG-1
IP67 field-installable quick latching (1/4 turn) Ethernet plug
EB-RJF-CAP-1
IP67 protective cap for bulk-head connector
ETHERNET PERFORMANCE
Ethernet data rates supported 10/100/1000 Base T
Cat 5E cable supported per TIA/EIA 568B and ISO/IEC 11801, Class D
Cat 6 cable supported per TIA/EIA 568B and ISO/IEC 11801, Class E
MECHANICAL CHARACTERISTICS
Coupling (connection method) Reverse bayonet – just a quarter turn and
lock
RJ45 cordset retention in the plug 70 N in the axis
Mating cycles 500 minimum
ENVIRONMENTAL
Sealing protection IP67 and NEMA 6 – dust, oil and water-proof to 1
meter for >30 min
Salt spray protection 1000 hours minimum
Fire retardant / low smoke UL94 V0; NFF 16102, DIN 5510-2
Thermal shock 5 cycles @ -40°C to +100°C
Operating temperature -40°C to +85°C
ROHS Compliant
All specifications are subject to change. Consult factory for latest info.


Similar Part No. - EB-RJF-PLUG-1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
EB-RACK HAMMOND-EB-RACK Datasheet
59Kb / 2P
Refroidisseurs deau
logo
Gennum Corporation
EB-RD35 GENNUM-EB-RD35 Datasheet
220Kb / 9P
GENLINX-TM II EB-RD35 Evaluation Board
logo
Murata Manufacturing Co...
EB-RMS MURATA-EB-RMS Datasheet
149Kb / 2P
AC-to-RMS Converter Application Board for DMS-30PC/LCD Meters
More results

Similar Description - EB-RJF-PLUG-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E100502 ETC2-E100502 Datasheet
97Kb / 3P
Connectors - DataTuff짰 Industrial Modular Jack Cat5e FTP, IP67
JR25WCCA-12 ETC2-JR25WCCA-12 Datasheet
549Kb / 8P
IP67 waterproof protected heavy duty metal shell connectors
logo
Taoglas antenna solutio...
MA710.A.ABI.001 TAOGLAS-MA710.A.ABI.001 Datasheet
4Mb / 21P
IP67 Waterproof
MA741.B.BI.001 TAOGLAS-MA741.B.BI.001 Datasheet
2Mb / 20P
IP67 Waterproof
MA750.W.A.ABICG.003 TAOGLAS-MA750.W.A.ABICG.003 Datasheet
2Mb / 36P
IP67 Waterproof
logo
DDK Ltd.
WEBSP1303MXG-1-D DDK-WEBSP1303MXG-1-D Datasheet
301Kb / 8P
Waterproof Circular Connectors for Solder Terminations Meeting IP67
logo
PowerDynamics, Inc
PD-HE3-FPC-S-3-B POWERDYNAMICS-PD-HE3-FPC-S-3-B Datasheet
200Kb / 1P
IP67 DUSTPROOF / WATERPROOF
PD-HE3-MPC-S-3-B POWERDYNAMICS-PD-HE3-MPC-S-3-B Datasheet
195Kb / 1P
IP67 DUSTPROOF / WATERPROOF
PD-HEC3-FCC-3-B POWERDYNAMICS-PD-HEC3-FCC-3-B Datasheet
164Kb / 1P
IP67 DUSTPROOF / WATERPROOF
PD-HEC3-MCC-3-B POWERDYNAMICS-PD-HEC3-MCC-3-B Datasheet
151Kb / 1P
IP67 DUSTPROOF / WATERPROOF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com