Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRY_CONTACT Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # DRY_CONTACT
Description  Dry Contact Relay Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

DRY_CONTACT Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  DRY_CONTACT Datasheet HTML 1Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dry Contact Relay Module
Sixnet Automation Devices
Dry Contact Relay Module
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0226 071813 ©2013 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
SIXNET , 331 Ushers Rd., Ballston Lake, NY 12019 USA
• +1 (518) 877-5173 • FAX +1 (518) 877-8346 • sales@sixnet.com
Dry Contact Relay Module
…dry contact outputs are specified or whenever
normally closed contacts are required.
n
Good choice for specifications that call for
contact closure outputs
n
Provides both normally open and normally closed
contacts (SPDT)
n
Normally closed contacts pass current even when
module power is off (for failsafe systems)
n
Ideal for low current loads
Select relay outputs when…
Description
Part Number
6 Form C Relays w/Wiring Base
ST-DO-RLY-06U
Module only
ST-DO-RLY-06M
Ordering Information
Performance Specifications
Number of channels
6
Output configuration (each output)
Form C
Minimum output voltage
0 VAC/VDC
Maximum output voltage
140 VAC/VDC
Minimum load current per output
0.1 mA
Maximum load current per output (24 VDC)
2 Amps
Maximum load current per output (120 VAC)
0.5 Amps
Maximum load current per module (24VDC)
12 Amps
Maximum OFF state leakage current (120 VAC) 0.01 mA
Minimum OFF resistance
100 Meg Ohms
Maximum relay turn on time
6 mS
Maximum relay turn off time
6 mS
Maximum ST-Bus power
1500 mW
Isolation (input to ST-Bus)
1200V
Operating temperature range
-30 to 70°C
Storage temperature range
-40 to 85°C
Humidity (non-condensing)
5 to 95%
Note: The first output may be configured as a system
performance watchdog. ON = OK.
Visit our web site for
the latest details!
www.sixnet.com
SIXNET , 331 Ushers Rd., Ballston Lake, NY 12019 USA
• +1 (518) 877-5173 • FAX +1 (518) 877-8346 • sales@sixnet.com
Dry Contact Relay Module
…dry contact outputs are specified or whenever
normally closed contacts are required.
n
Good choice for specifications that call for
contact closure outputs
n
Provides both normally open and normally closed
contacts (SPDT)
n
Normally closed contacts pass current even when
module power is off (for failsafe systems)
n
Ideal for low current loads
Select relay outputs when…
Description
Part Number
6 Form C Relays w/Wiring Base
ST-DO-RLY-06U
Module only
ST-DO-RLY-06M
Ordering Information
Performance Specifications
Number of channels
6
Output configuration (each output)
Form C
Minimum output voltage
0 VAC/VDC
Maximum output voltage
140 VAC/VDC
Minimum load current per output
0.1 mA
Maximum load current per output (24 VDC)
2 Amps
Maximum load current per output (120 VAC)
0.5 Amps
Maximum load current per module (24VDC)
12 Amps
Maximum OFF state leakage current (120 VAC) 0.01 mA
Minimum OFF resistance
100 Meg Ohms
Maximum relay turn on time
6 mS
Maximum relay turn off time
6 mS
Maximum ST-Bus power
1500 mW
Isolation (input to ST-Bus)
1200V
Operating temperature range
-30 to 70°C
Storage temperature range
-40 to 85°C
Humidity (non-condensing)
5 to 95%
Note: The first output may be configured as a system
performance watchdog. ON = OK.
Visit our web site for
the latest details!
www.sixnet.com


Similar Part No. - DRY_CONTACT

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DRY-MJS-VW1-1 DOMINANT-DRY-MJS-VW1-1 Datasheet
776Kb / 12P
High brightness surface mount LED using thin film technology
DRY-NRS-UV1-1 DOMINANT-DRY-NRS-UV1-1 Datasheet
783Kb / 12P
High brightness surface mount LED using thin film technology
More results

Similar Description - DRY_CONTACT

ManufacturerPart #DatasheetDescription
logo
celduc-relais
F51A CELDUC-F51A Datasheet
128Kb / 2P
REED RELAY / DRY CONTACT
F61A CELDUC-F61A Datasheet
129Kb / 2P
REED RELAY / DRY CONTACT/ 4KVcoil/ contact insulation
R011 CELDUC-R011 Datasheet
141Kb / 2P
REED RELAY / DRY CONTACT
R1380L00 CELDUC-R1380L00 Datasheet
157Kb / 2P
HIGH VOLTAGE REED RELAY/ DRY CONTACT
R029 CELDUC-R029 Datasheet
191Kb / 2P
REED RELAY / DRY CONTACT
R053 CELDUC-R053 Datasheet
108Kb / 2P
REED RELAY / DRY CONTACT
R054 CELDUC-R054 Datasheet
352Kb / 2P
REED RELAY / DRY CONTACT
R055.B00 CELDUC-R055.B00 Datasheet
104Kb / 2P
REED RELAY / DRY CONTACT
R055.B02 CELDUC-R055.B02 Datasheet
91Kb / 2P
REED RELAY / DRY CONTACT
R055.B08 CELDUC-R055.B08 Datasheet
140Kb / 2P
REED RELAY / DRY CONTACT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com