Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB-5ES-PSE-2ST Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # EB-5ES-PSE-2ST
Description  5 Port Power Over Ethernet Industrial Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EB-5ES-PSE-2ST Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  EB-5ES-PSE-2ST Datasheet HTML 1Page - Red Lion Controls. Inc EB-5ES-PSE-2ST Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
MECHANICAL
DIN rail or direct panel mounting
Lexan case with IP30 protection
Dimensions - see mechanical diagram
Weight (approximate) 0.17 Kg (6 oz)
All specifications are subject to change. Consult factory for latest info.
ORDERING GUIDE
PART NUMBER
DESCRIPTION
EB-5ES-PSE-1
5 RJ45 10/100 Ethernet ports including 4 PoE (PSE) ports
EB-5ES-PSE-2SC
4 RJ45 PoE (PSE) ports and 1 multimode
EB-5ES-PSE-2ST
(Special Order)
Fiber port with SC or ST style connector for up to 4 km
EB-5ES-PSE-3SC
4 RJ45 PoE (PSE) ports and 1 singlemode
EB-5ES-PSE-3ST
(Special Order)
Fiber port with SC or ST style connector for up to 20 km
EB-PD-24V-1
PoE splitter for non PoE devices
EB-PS-AC48-75
AC to 48 VDC, 75W power supply
Contact Red Lion for special or long haul fiber transceivers up to 120 km.
ADLD0152 062614 © 2014 Red Lion Controls
5 Port Power Over Ethernet Industrial Switch Specifications
SWITCH FEATURES
Ethernet switch ports 5 total with 4 PoE (PSE)
Unmanaged, store and forward, wire speed
Ethernet protocols supported all IEEE 802.3
RJ45 ports (shielded) 10/100BaseTX
RJ45 speed (10 or 100 Mbps) auto-negotiation
RJ45 MDI/MDIX auto-crossover and TD/RD auto-polarity
Ethernet isolation 1500 VRMS 1 minute
Fiber optic port speed / 100BaseF (100 Mbps) full duplex
Fiber optic port wavelength 1300 nm (others available)
Fiber multimode (mm) typical 50 or 62.5/125 um (SC or ST)
Fiber singlemode (sm) typical 9 or 10/125 um (SC or ST)
Fiber max. distance (full duplex) 4 km (mm), 20 (sm)
or 40 km (long haul) or more
Typical latency for 100 Mbps ports 5 us + frame time;
varies on load
MAC addresses and bandwidth 1024 and 3.2 Gbps
POWER INPUT AND POE OUTPUT
Power input with reverse polarity protection; 10-30 VDC
with no PoE output; 45-56 VDC for PoE output
Switch power consumption (typ.all ports active at 100 Mbps):
2.0 W (5-port without fiber) + PoE; 3.0 W
(5-port with 1 fiber) + PoE
PoE power consumption up to 15.4 W per port
RJ45 pin assignments for PoE: TX/V- (3, 6); RX/V+ (1, 2)
Power input transient protection 15,000 watts peak
Power input spike Protection 5,000 watts (10 times for 10 uS)
PoE operation - auto power management
PoE disconnect mode - DC disconnect
PoE auto-detection per IEEE 802.3af
PoE protection - over-temperature, over-current,
over/under-voltage and transient
ETHERNET COMPLIANCE
IEEE 802.3af (Power over Ethernet)
IEEE 802.3 (10Mbps Ethernet for legacy devices)
IEEE 802.3u (100Mbps Ethernet for newer devices)
IEEE 802.3x (Full-Duplex with Flow Control)
ENVIRONMENTAL
Operating temperature range -40 to +75 °C
(cold startup @ -40)
Storage temperature range -40 to +85 °C
Humidity (non-condensing) 5 to 95% RH
Vibration, shock and freefall IEC60068-2-6, -27 & -32
STANDARDS COMPLIANCE
Electrical safety - UL508 / CSA C22.2/14; EN61010-1, CE
EMI emissions - FCC part 15, ICES-003; EN61000-6-4, CE
EMC immunity - EN61000-6-2, CE
Hazardous locations: UL1604/CSA C22.2/213 (Class I, Div. 2);
EN60079-15 (Zone 2, Category 3), CE (ATEX)
Marine and offshore rated per ABS
Eye safety (fiber models) IEC60825-1, Class 1; FDA 21
CFR1040.10 and 1040.11
DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com