Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-DB1-RAF-RPSMA Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # ANT-DB1-RAF-RPSMA
Description  Compact Dual-Band 1/2 Wave Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ANT-DB1-RAF-RPSMA Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  ANT-DB1-RAF-RPSMA Datasheet HTML 1Page - Red Lion Controls. Inc ANT-DB1-RAF-RPSMA Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ANT-DB1-RAF-RPSMA Antenna
N-Tron Networking Series
Compact Dual-Band 1/2 Wave Antenna
The ANT-DB1-RAF-RPSMA is a compact, dual-band, 1/2 wave
antenna covering the 2.45 and 5.8GHz bands. The antenna
features a tilt and swivel joint which allows it to be oriented at
straight or right angles to the product or folded for storage and
shipment. It attaches to the 702-W via an RP-SMA connector
702-W APPLICATIONS
• Wireless LAN applications
• Client antennas
• 802.11b/g/n applications
SPECIFICATIONS
Frequencies:
Band 1: 2.4Ghz
Band 2: 5.8GHz
Gain @ 2.4GHz
2dBi
Gain @ 5.8GHz
4dBi
VSWR:
< 2
Impedance:
50 ohms
Dimensions (Length x Diameter ): 4.13" x 0.43"
104.9mmx11mm
THE INDUSTRIAL NETWORK COMPANY
ANT-DB1-RAF-RPSMA
Range Estimates - 2.4GHz
Throughput
26Mbps
100Mbps
Distance (Miles)
1.35
0.12
Distance (kilometers)
2.18
.19
Tx Power
22dBm
15dBm
Receive Sensitivity
-91dBm
-77dBm
Number of Spacial Streams
2
2
Range Estimates - 5.8GHz
Throughput
26Mbps
100Mbps
Distance (Miles)
0.81
0.07
Distance (kilometers)
1.30
.12
Tx Power
22dBm
15dBm
Receive Sensitivity
-90dBm
-76dBm
Number of Spacial Streams
2
2
*Given the following parameters:
• Free Space loss / 2-ray ground reflection models
• Antenna is mounted directly nto an N-TRON 702-W
Ethernet Radio mounted twenty-five (25) feet above
ground level.
• Clear line of sight between radios with no obstructions
of the first Fresnel Zone
• 20MHz wide signal
• Center frequency = 2.452GHz or 5.805GHz
• 10dB loss assumed for weather conditions
Range estimates are theoretical. Actual results may vary based on installation
conditions. A site survey should be performed as part of the planning process
to determine the presence of RF interference and identify optimum installation
locations for access points and antennas.
REV 100419
®2010 N-TRON, Corp. N-TRON and the N-TRON logo are trademarks of N-TRON, Corp. Specifications subject to change without notice. The responsibility for the use and
application of N-TRON products rests with the end user. N-TRON makes no warranties as to the fitness or suitability of any N-TRON product for any specific application. N-TRON
Corporation shall not be liable for any damage resulting from the installation, use, or misuse of this product.


Similar Part No. - ANT-DB1-RAF-RPSMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-DB1-RAF-RPS ETC2-ANT-DB1-RAF-RPS Datasheet
3Mb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
More results

Similar Description - ANT-DB1-RAF-RPSMA

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1039B030 PULSE-W1039B030 Datasheet
137Kb / 1P
Dual Band WLAN Antenna
logo
World Produts Inc.
WPANT10024-SC WPI-WPANT10024-SC Datasheet
332Kb / 5P
Dual-band GSM Embedded Antenna
WPANT30031-RA WPI-WPANT30031-RA Datasheet
89Kb / 2P
3G Dual-band Stubby Antenna
logo
Red Lion Controls. Inc
ANT2458Q5P2 REDLION-ANT2458Q5P2 Datasheet
464Kb / 2P
Compact, Dual-Band, 1/2 Wave Antenna
logo
Pulse A Technitrol Comp...
W1043 PULSE-W1043 Datasheet
617Kb / 2P
Wireless External Dual Band Antenna
EGSM900 PULSE-EGSM900 Datasheet
1Mb / 17P
Ceramic Dual Band Monopole Antenna
logo
TDK Electronics
ANT162442DT-2001A2 TDK-ANT162442DT-2001A2 Datasheet
440Kb / 9P
Multilayer Antenna (Dual Band type)
logo
Tallysman Wireless Inc.
HC872 TALLYSMAN-HC872 Datasheet
152Kb / 2P
HC872 Dual Band Helical Antenna L-band
logo
TE Connectivity Ltd
2108728-1 TEC-2108728-1 Datasheet
2Mb / 4P
24 ??44 GHz MILLIMETER WAVE BAND DUAL POLARIZED HORN ANTENNA
2321811-1 TEC-2321811-1 Datasheet
398Kb / 2P
DUAL BAND DIRECTIONAL PATCH ANTENNA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com