Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSN6012F Datasheet(PDF) 4 Page - MORE Semiconductor Company Limited

Part # MSN6012F
Description  650V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN6012F Datasheet(HTML) 4 Page - MORE Semiconductor Company Limited

  MSN6012F Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN6012F Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN6012F Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN6012F Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN6012F Datasheet HTML 5Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MORE Semiconductor Company Limited
http://www.moresemi.com
4/5
MSN6012F
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
Square Wave Pulse Duration (msec)
Figure 11. Normalized Thermal Transient Impedance Curve
10
8
6
4
2
0
0
15
30
45
60
VDS=400V
ID=12A
10
1
10
0
10
1
10
2
10
2
10
0
10
3
10ms
1ms
DC
RDS(ON)Limit
Single Pulse
TC=25 C
TJ=175 C
10
-1
100ms
10
0
10
-1
10
-2
10
0
10
1
10
-1
10
-2
10
-3
10
-4
10
-5
PDM
t1
t2
1. RθJC (t)=r (t) * RθJC
2. RθJC=See Datasheet
3. TJM-TC = P* RθJC (t)
4. Duty Cycle, D=t1/t2
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com