Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSN6510F Datasheet(PDF) 1 Page - MORE Semiconductor Company Limited

Part # MSN6510F
Description  650V(D-S) N-Channel Enhancement Mode Power MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORESEMI [MORE Semiconductor Company Limited]
Direct Link  http://www.moresemi.com/
Logo MORESEMI - MORE Semiconductor Company Limited

MSN6510F Datasheet(HTML) 1 Page - MORE Semiconductor Company Limited

  MSN6510F Datasheet HTML 1Page - MORE Semiconductor Company Limited MSN6510F Datasheet HTML 2Page - MORE Semiconductor Company Limited MSN6510F Datasheet HTML 3Page - MORE Semiconductor Company Limited MSN6510F Datasheet HTML 4Page - MORE Semiconductor Company Limited MSN6510F Datasheet HTML 5Page - MORE Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Features
● VDS =650V,ID =10A
RDS(ON) <0.95 Ω @ VGS=10V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Good stability and uniformity with high EAS
● Excellent package for good heat dissipation
● Special process technology for high ESD capability
Application
● Power switching application
● Hard switched and high frequency circuits
● Uninterruptible power supply
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
TO-220F-3L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
650
V
Gate-Source Voltage
VGS
±30
V
Drain Current-Continuous
ID
10
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
6
A
Pulsed Drain Current
IDM
40
A
Maximum Power Dissipation
PD
W
Derating factor
0.4
W/℃
Single pulse avalanche energy
(Note 5)
EAS
700
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 155
℃
MORE Semiconductor Company Limited
http://www.moresemi.com
1/5
MSN6510F
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN6510F
MSN6510F
Lead Free
PIN Configuration
60
Schematic diagram
Marking and pin assignment
TO-220F top view


Similar Part No. - MSN6510F

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN6512F MORESEMI-MSN6512F Datasheet
643Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
More results

Similar Description - MSN6510F

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSN6012F MORESEMI-MSN6012F Datasheet
691Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN6502D MORESEMI-MSN6502D Datasheet
769Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN6502F MORESEMI-MSN6502F Datasheet
987Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN6502Z MORESEMI-MSN6502Z Datasheet
791Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN6504D MORESEMI-MSN6504D Datasheet
794Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN6504F MORESEMI-MSN6504F Datasheet
658Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN6504Z MORESEMI-MSN6504Z Datasheet
726Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN6507F MORESEMI-MSN6507F Datasheet
662Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN6512F MORESEMI-MSN6512F Datasheet
643Kb / 5P
650V(D-S) N-Channel Enhancement Mode Power MOS FET
MSN06B2K MORESEMI-MSN06B2K Datasheet
478Kb / 6P
60V(D-S) N-Channel Enhancement Mode Power MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com