Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1JDFQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # US1JDFQ
Description  1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

US1JDFQ Datasheet(HTML) 2 Page - Diodes Incorporated

  US1JDFQ Datasheet HTML 1Page - Diodes Incorporated US1JDFQ Datasheet HTML 2Page - Diodes Incorporated US1JDFQ Datasheet HTML 3Page - Diodes Incorporated US1JDFQ Datasheet HTML 4Page - Diodes Incorporated US1JDFQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US1JDFQ / US1MDFQ
Document number: DS38447 Rev. 2 - 2
2 of 5
www.diodes.com
May 2016
© Diodes Incorporated
US1JDFQ / US1MDFQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
US1JDFQ
US1MDFQ
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
1000
V
RMS Reverse Voltage
VR(RMS)
420
700
V
Average Rectified Output Current
@TT = +25°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance, Junction to Terminal (Note 8)
RJT
44
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 8)
RJA
80
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
US1JDFQ
US1MDFQ
Unit
Minimum Reverse Breakdown Voltage (Note 6)
@IR = 5μA
V(BR)R
600
1000
V
Maximum Forward Voltage Drop
@IF = 1.0A
VF
1.7
V
Peak Reverse Current
@TA = +25°C
at Rated DC Blocking Voltage (Note 6)
@TA = +100°C
IR
5.0
100
μA
Maximum Reverse Recovery Time (Note 7)
tRR
75
ns
Typical Total Capacitance (Note 10)
CT
10
pF
Notes:
6. Short duration pulse test used to minimize self-heating effect.
7. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See Figure 7.
8. Device mounted on FR-4 substrate, 1" * 1", 2oz, single-sided, PC boards with 0.1" * 0.15" copper pads.
9. Device mounted on FR-4 substrate, 0.4" * 0.5", 2oz, single-sided, PC boards with 0.2" * 0.25" copper pads.
10. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
Figure 1 Forward Current Derating
T , AMBIENT TEMPERATURE (°C)
A
0
0.20
0.40
0.60
0.80
1
1.20
25
50
75
100
125
150
Note 9
Note 8
0
Figure 2 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
0 01
.
0 1
.
1
10
0 5
.
1 0
.
1 5
.
2 0
.
2 5
.
3 0
.
T = -55°C
A
T = 150°C
A
T = 25°C
A
T = 85°C
A
T = 100°C
A
T = 125°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com