Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLK2501IPZP Datasheet(PDF) 11 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SLK2501IPZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLK2501IPZP Datasheet HTML 7Page - Texas Instruments SLK2501IPZP Datasheet HTML 8Page - Texas Instruments SLK2501IPZP Datasheet HTML 9Page - Texas Instruments SLK2501IPZP Datasheet HTML 10Page - Texas Instruments SLK2501IPZP Datasheet HTML 11Page - Texas Instruments SLK2501IPZP Datasheet HTML 12Page - Texas Instruments SLK2501IPZP Datasheet HTML 13Page - Texas Instruments SLK2501IPZP Datasheet HTML 14Page - Texas Instruments SLK2501IPZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SLK2501
OC48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLLS502A – OCTOBER 2001 – REVISED NOVEMBER 2001
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
signal detect
The SLK2501 has an input SIGDET pin to force the device into the loss of signal state. This pin is generally
connected to the signal detect output of the optical receiver. Depending on the optics manufacturer, this signal
can be either active high or active low. To accommodate the differences, a polarity select (PS) is used. For an
active low, SIGDET input sets the PS pin high. For an active high, SIGDET input sets the PS pin low. When the
PS signal pin and SIGDET are of opposite polarities, the loss of signal state is generated and the device
transmits all zeroes downstream.
multiplexer operation
The 4-bit parallel LVDS data is clocked into an input buffer by a clock derived from the synthesized clock. The
data is then clocked into a 4:1 multiplexer. The D0 bit is the most significant bit and is shifted out first in the serial
output stream.
demultiplexer operation
The serial 2.5 Gbps data is clocked into a 1:4 demultiplexer by the recovered clock. The D0 bit is the first bit
that is received in time from the input serial stream. The 4-bit parallel data is then sent to the LVDS driver along
with the divided down recovered clock.
frame synchronization
The SLK2501 has a SONET/SDH-compatible frame detection circuit that can be enabled or disabled by the
user. Frame detection is enabled when the FRAMEN pin is high. When enabled it detects the A1, A2 framing
pattern, which is used to locate and align the byte and frame boundaries of the incoming data stream. When
FRAMEN is low the frame detection circuitry is disabled and the byte boundary is frozen to the location found
when detection was previously enabled.
The frame detect circuit searches the incoming data for three consecutive A1 bytes followed immediately by
one A2 byte. The data alignment circuit then aligns the parallel output data to the byte and frame boundaries
of the incoming data stream. During the framing process the parallel data bus will not contain valid and aligned
data. Upon detecting the third A1, A2 framing patterns that are separated by 125
µs from each other, the FSYNC
signal goes high for four RXCLK cycles, indicating frame synchronization has been achieved.
The probability that random data in a SONET/SDH data stream will mimic the framing pattern in the data payload
is extremely low. However, there is a state machine built in to prevent false reframing if a framing pattern does
show up in the data payload.
testability
The SLK2501 has a comprehensive suite of built-in self-tests. The Loopback function provides for at-speed
testing of the transmit/receive portions of the circuitry. The enable pin allows for all circuitry to be disabled so
that an Iddq test can be performed. The PRBS function allows for a BIST (built-in self-test).
IDDQ function
When held low, the ENABLE pin disables all quiescent power in both the analog and digital circuitry. This allows
for Iddq testing on all power supplies and can also be used to conserve power when the link is inactive.
local loopback
The LLOOP signal pin controls the local loopback. When LLOOP is high, the loopback mode is activated and
the parallel transmit data is selected and presented on the parallel receive data output pins. The parallel transmit
data is also multiplexed and presented on the high-speed serial transmit pins. Local Loopback can only be
enabled when the device is under transceiver mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com