Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST202CDR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST202CDR
Description  5V Powered multi-channel RS-232 drivers and receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202CDR Datasheet(HTML) 4 Page - STMicroelectronics

  ST202CDR Datasheet HTML 1Page - STMicroelectronics ST202CDR Datasheet HTML 2Page - STMicroelectronics ST202CDR Datasheet HTML 3Page - STMicroelectronics ST202CDR Datasheet HTML 4Page - STMicroelectronics ST202CDR Datasheet HTML 5Page - STMicroelectronics ST202CDR Datasheet HTML 6Page - STMicroelectronics ST202CDR Datasheet HTML 7Page - STMicroelectronics ST202CDR Datasheet HTML 8Page - STMicroelectronics ST202CDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Maximum ratings
ST202
4/18
2
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 6
V
V+
Extra positive voltage
(VCC -0.3) to 13.2
V
V-
Extra negative voltage
0.3 to -13.2
V
TIN
Transmitter input voltage range
-0.3 to (VCC + 0.3)
V
RIN
Receiver input voltage range
± 30
V
TOUT
Transmitter output voltage range
± 15
V
ROUT
Receiver output voltage range
-0.3 to (VCC + 0.3)
V
TSCTOUT
Short circuit duration on TOUT
infinite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com