Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST202BDR Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST202BDR
Description  5V Powered multi-channel RS-232 drivers and receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202BDR Datasheet(HTML) 3 Page - STMicroelectronics

  ST202BDR Datasheet HTML 1Page - STMicroelectronics ST202BDR Datasheet HTML 2Page - STMicroelectronics ST202BDR Datasheet HTML 3Page - STMicroelectronics ST202BDR Datasheet HTML 4Page - STMicroelectronics ST202BDR Datasheet HTML 5Page - STMicroelectronics ST202BDR Datasheet HTML 6Page - STMicroelectronics ST202BDR Datasheet HTML 7Page - STMicroelectronics ST202BDR Datasheet HTML 8Page - STMicroelectronics ST202BDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ST202
Pin configuration
3/18
1
Pin configuration
Figure 1.
Pin connections (top view)
Table 1.
Pin description
PlN N°
SYMBOL
NOTE
1C1+
Positive terminal for the first charge pump capacitor
2
V+
Doubled voltage terminal
3C1-
Negative terminal for the first charge pump capacitor
4C2+
Positive terminal for the second charge pump capacitor
5C2-
Negative terminal for the second charge pump capacitor
6
V-
Inverted voltage terminal
7T2OUT
Second transmitter output voltage
8R2IN
Second receiver input voltage
9R2OUT
Second receiver output voltage
10
T2IN
Second transmitter input voltage
11
T1IN
First transmitter input voltage
12
R1OUT
First receiver output voltage
13
R1IN
First receiver input voltage
14
T1OUT
First transmitter output voltage
15
GND
Ground
16
VCC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com