Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2153FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA2153FN
Description  RF Amplifier for Digital Servo CD System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2153FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA2153FN Datasheet HTML 1Page - Toshiba Semiconductor TA2153FN Datasheet HTML 2Page - Toshiba Semiconductor TA2153FN Datasheet HTML 3Page - Toshiba Semiconductor TA2153FN Datasheet HTML 4Page - Toshiba Semiconductor TA2153FN Datasheet HTML 5Page - Toshiba Semiconductor TA2153FN Datasheet HTML 6Page - Toshiba Semiconductor TA2153FN Datasheet HTML 7Page - Toshiba Semiconductor TA2153FN Datasheet HTML 8Page - Toshiba Semiconductor TA2153FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TA2153FN
2003-01-18
3
Pin Function
Pin No.
Symbol
I/O
Function Description
Remarks
1
VCC
¾
Power supply input terminal.
¾
2
RFGC
I
RF amplitude adjustment control signal input terminal.
Controlled by 3-PWM signals.
(PWM carrier
= 88.2 kHz)
3 signals input.
(2VRO, VRO, GND)
3
GMAD
I
Open loop gain adjustment terminal for AGC amp.
(Note1)
4
FNI
I
Main beam I-V amp input terminal.
Connected to pin diode
output B
+ D
(through resistor).
5
FPI
I
Main beam I-V amp input terminal.
Connected to pin diode
output A
+ C
(through resistor).
6
TPI
I
Sub beam I-V amp input terminal.
Connected to pin diode
output F.
7
TNI
I
Sub beam I-V amp input terminal.
Connected to pin diode
output E.
8
MDI
I
Monitor photo diode amp input terminal.
Connected to monitor photo
diode.
9
LDO
O
Laser diode amp input terminal.
Connected to laser diode
control circuit.
10
SEL
I
Laser diode control signal input terminal and APC circuit
ON/OFF control signal terminal.
SEL
Level
APC
Circuit
LDO
Detect
Frequency
GND
OFF
Connected to VCC
through resister (1 k
W)
Low
HiZ
ON
Control signal output
Low
VCC
ON
Control signal output
High
3 signals input.
(VCC, HiZ, GND)
11
TEB
I
Tracking error balance adjustment signal input terminal.
Controlled by 3-PWM signal.
(PWM carrier
= 88.2 kHz)
3 signals input.
(2VRO, VRO, GND)
12
2VRO
O
Reference voltage (2VRO) output terminal.
2VRO
= 4.2 V when VCC = 5 V
¾
13
TEN
I
TE amp negative input terminal.
Connected to TEO through
feedback resistor.
14
TEO
O
TE error signal output terminal.
¾
15
SBAD
O
Sub beam adder signal output terminal.
¾
16
FEO
O
Focus error signal output terminal.
¾
17
FEN
I
FE amp negative input terminal.
Connected to FEO through
feedback resistor.
18
SEB
I
RFRP output circuit switching terminal.
SEB Level
Bottom
Detection
Peak
Detection
GND
ON
ON
VCC
OFF
ON
Low (GND) is for normal use.
19
VRO
O
Reference signal (VRO) output terminal.
VRO
= 2.1 V when VCC = 5 V
¾
20
RFRP
O
Track count signal output terminal.
¾
21
BTC
I
Time constant adjustment terminal for bottom detection.
Adjusted by capacitance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com