Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST202BW Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST202BW
Description  5V Powered multi-channel RS-232 drivers and receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202BW Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST202BW Datasheet HTML 2Page - STMicroelectronics ST202BW Datasheet HTML 3Page - STMicroelectronics ST202BW Datasheet HTML 4Page - STMicroelectronics ST202BW Datasheet HTML 5Page - STMicroelectronics ST202BW Datasheet HTML 6Page - STMicroelectronics ST202BW Datasheet HTML 7Page - STMicroelectronics ST202BW Datasheet HTML 8Page - STMicroelectronics ST202BW Datasheet HTML 9Page - STMicroelectronics ST202BW Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
ST202
6/18
Table 5.
Receiver electrical characteristics
(C1 - C4 = 0.1µF, VCC = 5V ± 10%, TA = -40 to 85°C, unless otherwise specified. Typical
values are referred to TA = 25°C).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
VRIN
Receiver input voltage
operating range
-30
30
V
RRIN
RS-232 Input resistance
TA = 25°C
3
5
7
K
Ω
VRIL
RS-232 Input threshold low
0.8
1.3
V
VRIH
RS-232 Input threshold high
1.8
2.4
V
VRIHYS
RS-232 Input hysteresis
VCC = 5V
0.2
0.5
1
V
VROL
TTL/CMOS Output voltage low
IOUT = 3.2mA (to VCC)0.2
0.4
V
VROH
TTL/CMOS Output voltage high IOUT = 1mA (to GND)
3.5
VCC-0.2
V
ISCR
Receiver output short circuit
current
to GND
2
10
mA
to VCC
10
30
tDR
Propagation delay time
CL = 150pF
(1)
0.1
0.5
µs
1.
RS-232 in to TTL-CMOS out (from 50% to 50%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com