Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST202BTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST202BTR
Description  5V Powered multi-channel RS-232 drivers and receivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST202BTR Datasheet(HTML) 5 Page - STMicroelectronics

  ST202BTR Datasheet HTML 1Page - STMicroelectronics ST202BTR Datasheet HTML 2Page - STMicroelectronics ST202BTR Datasheet HTML 3Page - STMicroelectronics ST202BTR Datasheet HTML 4Page - STMicroelectronics ST202BTR Datasheet HTML 5Page - STMicroelectronics ST202BTR Datasheet HTML 6Page - STMicroelectronics ST202BTR Datasheet HTML 7Page - STMicroelectronics ST202BTR Datasheet HTML 8Page - STMicroelectronics ST202BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ST202
Electrical characteristics
5/18
3
Electrical characteristics
Table 3.
Electrical characteristics
(C1 - C4 = 0.1µF, VCC = 5V ± 10%, TA = -40 to 85°C, unless otherwise specified. Typical
values are referred to TA = 25°C).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
ISUPPLY
VCC Power supply current
No Load
1.5
4
mA
Table 4.
Transmitter electrical characteristics
(C1 - C4 = 0.1µF, VCC = 5V ± 10%, TA = -40 to 85°C, unless otherwise specified. Typical
values are referred to TA = 25°C).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
VTOUT
Output voltage swing
All transmitter outputs are loaded
with 3K
Ω to GND
± 5
± 9V
ITIL
Logic pull-up current
TIN = 0V
5
40
µA
VTIL
Input logic threshold low
0.8
1.4
V
VTIH
Input logic threshold high
1.4
2
V
SRT
Transition slew rate
TA = 25°C, VCC = 5V
RL = 3 to 7KΩ, CL = 50 to 2500pF
(1)
612
30
V/
µs
DR
Data rate
(2)
200
400
Kbits/s
RTOUT
Transmitter output resistance
VCC = V+ = V- = 0V VOUT = ± 2V
300
Ω
ISC
Transmitter output short circuit
current
One TXOUT to GND
± 7
± 22
mA
tDT
Propagation delay time
TTL-CMOS IN to RS-232 OUT
CL = 150pF (50% to 50%)
1.3
3.5
µs
1.
Measured from 3V to -3V or from -3V to 3V
2.
One transmitter output is loaded with RL = 3KΩ to 7KΩ, CL = 50 to 1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com