Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4500 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4500
Description  WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4500 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4500 Datasheet HTML 17Page - Texas Instruments THS4500 Datasheet HTML 18Page - Texas Instruments THS4500 Datasheet HTML 19Page - Texas Instruments THS4500 Datasheet HTML 20Page - Texas Instruments THS4500 Datasheet HTML 21Page - Texas Instruments THS4500 Datasheet HTML 22Page - Texas Instruments THS4500 Datasheet HTML 23Page - Texas Instruments THS4500 Datasheet HTML 24Page - Texas Instruments THS4500 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
THS4500
THS4501
SLOS350D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
21
APPLICATION INFORMATION
FULLY DIFFERENTIAL AMPLIFIERS
Differential signaling offers a number of performance
advantages in high-speed analog signal processing
systems, including immunity to external common-mode
noise, suppression of even-order nonlinearities, and
increased dynamic range. Fully differential amplifiers not
only serve as the primary means of providing gain to a
differential signal chain, but also provide a monolithic
solution
for
converting
single-ended
signals
into
differential
signals
for
easier, higher performance
processing. The THS4500 family of amplifiers contains
products in Texas Instruments’ expanding line of
high-performance fully differential amplifiers. Information
on fully differential amplifier fundamentals, as well as
implementation specific information, is presented in the
applications section of this data sheet to provide a better
understanding of the operation of the THS4500 family of
devices, and to simplify the design process for designs
using these amplifiers.
Applications Section
D Fully Differential Amplifier Terminal Functions
D Input Common-Mode Voltage Range and the
THS4500 Family
D Choosing the Proper Value for the Feedback and
Gain Resistors
D Application Circuits Using Fully Differential
Amplifiers
D Key Design Considerations for Interfacing to an
Analog-to-Digital Converter
D Setting the Output Common-Mode Voltage With the
VOCM Input
D Saving Power with Power-Down Functionality
D Linearity: Definitions, Terminology, Circuit
Techniques, and Design Tradeoffs
D An Abbreviated Analysis of Noise in Fully
Differential Amplifiers
D Printed-Circuit Board Layout Techniques for Optimal
Performance
D Power Dissipation and Thermal Considerations
D Power Supply Decoupling Techniques and
Recommendations
D Evaluation Fixtures, Spice Models, and Applications
Support
D Additional Reference Material
FULLY DIFFERENTIAL AMPLIFIER
TERMINAL FUNCTIONS
Fully differential amplifiers are typically packaged in
eight-pin packages as shown in the diagram. The device
pins include two inputs (VIN+, VIN−), two outputs (VOUT−,
VOUT+), two power supplies (VS+, VS−), an output
common-mode control pin (VOCM), and an optional
power-down pin (PD).
V
IN− 1
2
3
4
8
7
6
5
V
OCM
V
S+
V
OUT+
V
IN+
V
S−
V
OUT−
PD
Fully Differential Amplifier Pin Diagram
A standard configuration for the device is shown in the
figure. The functionality of a fully differential amplifier can
be imagined as two inverting amplifiers that share a
common noninverting terminal (though the voltage is not
necessarily fixed). For more information on the basic
theory of operation for fully differential amplifiers, refer to
the Texas Instruments application note titled Fully
Differential Amplifiers, literature number SLOA054.
INPUT COMMON-MODE VOLTAGE RANGE
AND THE THS4500 FAMILY
The key difference between the THS4500/1 and the
THS4502/3 is the input common-mode range for the two
devices. The THS4502 and THS4503 have an input
common-mode range that is centered around midrail, and
the THS4500 and THS4501 have an input common-mode
range that is shifted to include the negative power supply
rail. Selection of one or the other is determined by the
nature of the application. Specifically, the THS4500 and
THS4501
are
designed
for
use
in
single-supply
applications where the input signal is ground-referenced,
as depicted in Figure 97. The THS4502 and THS4503 are
designed for
use
in single-supply or split-supply
applications where the input signal is centered between
the power supply voltages, as depicted in Figure 98.
Figure 97
VOCM
+VS
VS
RS
Rg1
Rg2
Rf1
Rf2
+
−
RT
−
+
Application Circuit for the THS4500 and THS4501,
Featuring Single-Supply Operation With a
Ground-Referenced Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com